Electronic Components Datasheet Search
  English  ▼

X  

1933765 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1933765
Description  ZFKDSA 1-3,81-20 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1933765 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1933765 Datasheet HTML 1Page - PHOENIX CONTACT 1933765 Datasheet HTML 2Page - PHOENIX CONTACT 1933765 Datasheet HTML 3Page - PHOENIX CONTACT 1933765 Datasheet HTML 4Page - PHOENIX CONTACT 1933765 Datasheet HTML 5Page - PHOENIX CONTACT 1933765 Datasheet HTML 6Page - PHOENIX CONTACT 1933765 Datasheet HTML 7Page - PHOENIX CONTACT 1933765 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Type
PC terminal block can be aligned
Product line
COMBICON Terminals S
Product type
Printed circuit board terminal
Product family
ZFKDS(A) 1
Number of positions
20
Pitch
3.81 mm
Number of connections
20
Number of rows
1
Number of potentials
20
Pin layout
Linear pinning
Solder pins per potential
2
Electrical properties
Nominal current IN
12 A
Nominal voltage UN
200 V
Degree of pollution
3
Rated voltage (III/3)
200 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
200 V
Rated surge voltage (III/2)
2.5 kV
Rated voltage (II/2)
400 V
Rated surge voltage (II/2)
2.5 kV
Connection data
Connection technology
Type
PC terminal block can be aligned
Nominal cross section
1 mm²
Conductor connection
Connection method
Spring-cage connection
Conductor cross section rigid
0.14 mm² ... 1.5 mm²
Conductor cross section flexible
0.14 mm² ... 1 mm²
Conductor cross section AWG
26 ... 16
Conductor cross section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 0.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 0.5 mm²
Stripping length
7.5 mm
Mounting
Mounting type
Wave soldering
Pin layout
Linear pinning
ZFKDSA 1-3,81-20 - PCB terminal block
1933765
https://www.phoenixcontact.com/us/products/1933765
Mar 11, 2024, 5:59 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com