Electronic Components Datasheet Search
  English  ▼

X  

1933765 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1933765
Description  ZFKDSA 1-3,81-20 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1933765 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1933765 Datasheet HTML 1Page - PHOENIX CONTACT 1933765 Datasheet HTML 2Page - PHOENIX CONTACT 1933765 Datasheet HTML 3Page - PHOENIX CONTACT 1933765 Datasheet HTML 4Page - PHOENIX CONTACT 1933765 Datasheet HTML 5Page - PHOENIX CONTACT 1933765 Datasheet HTML 6Page - PHOENIX CONTACT 1933765 Datasheet HTML 7Page - PHOENIX CONTACT 1933765 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 12 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 20, number of rows: 1, number of positions per row: 20, product
range: ZFKDS(A) 1, pitch: 3.81 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard
Your advantages
Defined contact force ensures that contact remains stable over the long term
•
Clamping space opened by means of fixed screwdriver enables convenient conductor connection
•
Angled connection enables multi-row arrangement on the PCB
•
The latching on the side enables various numbers of positions to be combined
•
Two solder pins reduce the mechanical strain on the soldering spots
•
Commercial data
Item number
1933765
Packing unit
50 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AALMAA
GTIN
4017918889616
Weight per piece (including packing)
17.08 g
Weight per piece (excluding packing)
17.08 g
Country of origin
PL
ZFKDSA 1-3,81-20 - PCB terminal block
1933765
https://www.phoenixcontact.com/us/products/1933765
Mar 11, 2024, 5:59 AM
Page 1 (8)


Similar Part No. - 1933765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1933707 PHOENIX-1933707 Datasheet
63Kb / 4P
PCB terminal block - MKDS 5/ 7-7,62 BD:NZ
More results

Similar Description - 1933765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1747931 PHOENIX-1747931 Datasheet
117Kb / 5P
PCB terminal block - ZFKDSA 1-W-3,81- 7
1747944 PHOENIX-1747944 Datasheet
118Kb / 5P
PCB terminal block - ZFKDSA 1-W-3,81- 9
1747957 PHOENIX-1747957 Datasheet
118Kb / 5P
PCB terminal block - ZFKDSA 1-W-3,81-10
1904354 PHOENIX-1904354 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1-V-3,81-10
1932876 PHOENIX-1932876 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 1-3,81-12
1891043 PHOENIX-1891043 Datasheet
242Kb / 8P
ZFKDSA 1-V-3,81- 8 - PCB terminal block
1751723 PHOENIX-1751723 Datasheet
239Kb / 8P
ZFKDSA 1-V-3,81- 3 - PCB terminal block
1889770 PHOENIX-1889770 Datasheet
244Kb / 8P
ZFKDSA 1-3,81- 2 - PCB terminal block
1889796 PHOENIX-1889796 Datasheet
244Kb / 8P
ZFKDSA 1-3,81- 8 - PCB terminal block
1932915 PHOENIX-1932915 Datasheet
244Kb / 8P
ZFKDSA 1-3,81-30 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com