Electronic Components Datasheet Search
  English  ▼

X  

PDI1394P21 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDI1394P21
Description  3-port physical layer interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P21 Datasheet(HTML) 4 Page - NXP Semiconductors

  PDI1394P21 Datasheet HTML 1Page - NXP Semiconductors PDI1394P21 Datasheet HTML 2Page - NXP Semiconductors PDI1394P21 Datasheet HTML 3Page - NXP Semiconductors PDI1394P21 Datasheet HTML 4Page - NXP Semiconductors PDI1394P21 Datasheet HTML 5Page - NXP Semiconductors PDI1394P21 Datasheet HTML 6Page - NXP Semiconductors PDI1394P21 Datasheet HTML 7Page - NXP Semiconductors PDI1394P21 Datasheet HTML 8Page - NXP Semiconductors PDI1394P21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Philips Semiconductors
Objective specification
PDI1394P21
3-port physical layer interface
1999 Jul 09
4
Name
Description
I/O
Pin Numbers
Pin Type
C/LKON
CMOS 5V tol
22
I/O
Bus Manager Contender programming input and link-on output. On
hardware reset, this terminal is used to set the default value of the
contender status indicated during self-ID. Programming is done by tying
the terminal through a 10k
Ω resistor to a high (contender) or low (not
contender). The resistor allows the link-on output to override the input.
Following hardware reset, this terminal is the link-on output, which is
used to notify the LLC to power-up and become active. The link-on
output is a square-wave signal with a period of approximately 163 ns (8
SYSCLK cycles) when active. The link-on output is deasserted low when
the LPS input terminal is active.
DGND
Supply
3, 16, 20, 21, 28,
70, 80
—
Digital circuit ground terminals. These terminals should be tied together
to the low impedance circuit board ground plane.
D0–D7
CMOS 5V tol
7, 8, 10, 11, 12, 13,
14, 15
I/O
Data I/Os. These are bi-directional data signals between the
PDI1394P21 and the LLC. Bus holders are built into these terminals.
DVDD
Supply
6, 29, 30, 68, 69, 79
—
Digital circuit power terminals. A combination of high frequency
decoupling capacitors near each terminal are suggested, such as
paralleled 0.1
µF and 0.001 µF. Lower frequency 10 µF filtering
capacitors are also recommended. These supply terminals are
separated from PLLVDD and AVDD internal to the device to provide
noise isolation. They should be tied at a low impedance point on the
circuit board.
/ISO
CMOS
26
I
Link interface isolation control input. This terminal controls the operation
of output differentiation logic on the CTL and D terminals. If an optional
isolation barrier of the type described in Annex J of IEEE Std 1394–1395
is implemented between the PDI1394P21 and LLC, the /ISO terminal
should be tied low to enable the differentiation logic. If no isolation barrier
is implemented (direct connection), or bus holder isolation is
implemented, the /ISO terminal should be tied high to disable the
differentiation logic.
LPS
CMOS 5V tol
19
I
Link Power Status input. This terminal is used to monitor the power
status of the LLC, and is connected to either the VDD supplying the link
layer controller through a 1k
Ω resistor, or to a pulsed output which is
active when the LLC is powered. The pulsed output is useful when using
an isolation barrier. If this input is low for more than 25
ms, the LLC is
considered powered down. If this input is high for more than 20 ns, the
LLC is considered powered up. If the LLC is powered-down, the
PHY–LLC interface is disabled, and the PDI1394P21 performs only the
basic repeater functions required for network initialization and operation.
Bus holder is built into this terminal.
LREQ
CMOS 5V tol
1
I
LLC Request input. The LLC uses this input to initiate a service request
to the PDI1394P21. Bus holder is built into this terminal.
NC
No Connect
9, 31, 71, 72
—
These pins are not internally connected, and consequently are “don’t
cares”. Other vendor’s pin compatible chips may require connections
and external circuitry on these pins.
PC0, PC1,
PC2
CMOS 5V tol
23, 24, 25
I
Power Class programming inputs. On hardware reset, these inputs set
the default value of the power class indicated during self-ID.
Programming is done by tying the terminals high or low. Refer to
Table 18 for encoding.
PD
CMOS 5V tol
18
I
Power Down input. A logic high on this terminal turns off all internal
circuitry except the cable-active monitor circuits which control the CNA
output. Bus holder is built into this terminal. For more information, refer to
Section 17.3
PLLGND
Supply
74, 75
—
PLL circuit ground terminals. These terminals should be tied together to
the low impedance circuit board ground plane.
PLLVDD
Supply
73
—
PLL circuit power terminals. A combination of high frequency decoupling
capacitors near each terminal are suggested, such as paralleled 0.1
µF
and 0.001
µF. Lower frequency 10 µF filtering capacitors are also
recommended. These supply terminals are separated from DVDD and
AVDD internal to the device to provide noise isolation. They should be
tied at a low impedance point on the circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com