Electronic Components Datasheet Search
  English  ▼

X  

PDI1394P21 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PDI1394P21
Description  3-port physical layer interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P21 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PDI1394P21 Datasheet HTML 20Page - NXP Semiconductors PDI1394P21 Datasheet HTML 21Page - NXP Semiconductors PDI1394P21 Datasheet HTML 22Page - NXP Semiconductors PDI1394P21 Datasheet HTML 23Page - NXP Semiconductors PDI1394P21 Datasheet HTML 24Page - NXP Semiconductors PDI1394P21 Datasheet HTML 25Page - NXP Semiconductors PDI1394P21 Datasheet HTML 26Page - NXP Semiconductors PDI1394P21 Datasheet HTML 27Page - NXP Semiconductors PDI1394P21 Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Philips Semiconductors
Objective specification
PDI1394P21
3-port physical layer interface
1999 Jul 09
25
18.4
Transmit
When the LLC issues a bus request through the LREQ terminal, the
PHY arbitrates to gain control of the bus. If the PHY wins arbitration
for the serial bus, the PHY-LLC interface bus is granted to the link by
asserting the Grant state (11b) on the CTL terminals for one
SYSCLK cycle, followed by Idle for one clock cycle. The LLC then
takes control of the bus by asserting either Idle (00b), Hold (01b), or
Transmit (10b) on the CTL terminals. Unless the LLC is immediately
releasing the interface, the link may assert the Idle state for at most
one clock before it must assert either Hold or Transmit on the CTL
terminals. The Hold state is used by the LLC to retain control of the
bus while it prepares data for transmission. The LLC may assert
Hold for zero or more clock cycles (i.e., the LLC need not assert
Hold before Transmit). The PHY asserts data-prefix on the serial
bus during this time.
When the LLC is ready to send data, the LLC asserts Transmit on
the CTL terminals as well as sending the first bits of packet data on
the D lines. The Transmit state is held on the CTL terminals until the
last bits of data have been sent. The LLC then asserts either Hold or
Idle on the CTL terminals for one clock cycle and then asserts Idle
for one additional cycle before releasing the interface bus and
putting the CTL and D terminals in a high-impedance state. The
PHY then regains control of the interface bus.
The Hold state asserted at the end of packet transmission indicates
to the PHY that the LLC requests to send another packet
(concatenated packet) without releasing the serial bus. The PHY
responds to this concatenation request by waiting the required
minimum packet separation time and then asserting Grant as
before. This function may be used to send a unified response after
sending an acknowledge, or to send consecutive isochronous
packets during a single isochronous period. Unless multi-speed
concatenation is enabled, all packets transmitted during a single bus
ownership must be of the same speed (since the speed of the
packet is set before the first packet). If multi-speed concatenation is
enabled (when the EMSC bit of PHY register 5 is set), the LLC must
specify the speed code of the next concatenated packet on the D
terminals when it asserts Hold on the CTL terminals at the end of a
packet. The encoding for this speed code is the same as the speed
code that precedes received packet data as given in Table 17.
After sending the last packet for the current bus ownership, the LLC
releases the bus by asserting Idle on the CTL terminals for two clock
cycles. The PHY begins asserting Idle on the CTL terminals one
clock after sampling Idle from the link. Note that whenever the D and
CTL terminals change direction between the PHY and the LLC,
there is an extra clock period allowed so that both sides of the
interface can operate on registered versions of the interface signals.
The sequence of events for a normal packet transmission is as
follows:
• Transmit operation initiated. The PHY asserts grant on the CTL
lines followed by Idle to hand over control of the interface to the
link so that the link may transmit a packet. The PHY releases
control of the interface (i.e., it 3-States the CTL and D outputs)
following the idle cycle.
• Optional idle cycle. The link may assert at most one idle cycle
preceding assertion of either hold or transmit. This idle cycle is
optional; the link is not required to assert Idle preceding either
hold or transmit.
• Optional hold cycles. The link may assert hold for up to 47 cycles
preceding assertion of transmit. These hold cycle(s) are optional;
the link is not required to assert hold preceding transmit.
• Transmit data. When data is ready to be transmitted, the link
asserts transmit on the CTL lines along with the data on the D
lines.
• Transmit operation terminated. The transmit operation is
terminated by the link asserting hold or idle on the CTL lines the
link asserts hold to indicate that the PHY is to retain control of the
serial bus in order to transmit a concatenated packet. the link
asserts idle to indicate that packet transmission is complete and
the PHY may release the serial bus. The link then asserts Idle for
one more cycle following this cycle of hold or idle before releasing
the interface and returning control the the PHY.
• Concatenated packet speed-code. If multi-speed concatenation is
enabled in the PHY, the link shall assert a speed-code on the D
lines when it asserts Hold to terminate packet transmission. This
speed-code indicates the transmission speed for the
concatenated packet that is to follow. The encoding for this
concatenated packet speed-code is the same as the encoding for
the received packet speed-code (see Table 17). the link may not
concatenate an S100 packet onto any higher speed packet.
• After regaining control of the interface, the PHY shall assert at
least one cycle of idle before any subsequent status transfer,
receive operation, or transmit operation.
Link Controls Ctl and D
PHY High-impedance Ctl and D Outputs
SYSCLK
(c)
CTL0, CTL1
D0–D7
00
00
dn
00
01
d0, d1, ...
SV01762
(f)
00
(a)
(b)
(d)
(e)
(g)
11
00
00
01
10
00
00
00
SPD
00
00
NOTE: SPD = Speed code; see Table 17; d0–dn = Packet data.
Figure 14.
Normal Packet Transmission Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com