Electronic Components Datasheet Search
  English  ▼

X  

PDI1394P21 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PDI1394P21
Description  3-port physical layer interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P21 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PDI1394P21 Datasheet HTML 12Page - NXP Semiconductors PDI1394P21 Datasheet HTML 13Page - NXP Semiconductors PDI1394P21 Datasheet HTML 14Page - NXP Semiconductors PDI1394P21 Datasheet HTML 15Page - NXP Semiconductors PDI1394P21 Datasheet HTML 16Page - NXP Semiconductors PDI1394P21 Datasheet HTML 17Page - NXP Semiconductors PDI1394P21 Datasheet HTML 18Page - NXP Semiconductors PDI1394P21 Datasheet HTML 19Page - NXP Semiconductors PDI1394P21 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Philips Semiconductors
Objective specification
PDI1394P21
3-port physical layer interface
1999 Jul 09
16
17.0
APPLICATION INFORMATION
400K
PDI1394P21
TPBIAS
CPS
220pF
TPAn+
TPAn–
TPBn+
TPBn–
CABLE
PAIR A
CABLE
PAIR B
CABLE PORT
SV01744
0.3–1.0
µF
56
Ω
56
Ω
56
Ω
56
Ω
CABLE
POWER
PAIR
5 k
Ω
OUTER SHIELD
TERMINATION
The IEEE Std 1394–1995 calls for a 250 pF capacitor, which is a non-standard component value. A 220 pF capacitor is recommended.
Figure 4.
Twisted pair cable interface connections
OUTER CABLE SHIELD
0.001
µF
0.01
µF
1 M
Ω
CHASSIS GROUND
SV01748
Figure 5.
Typical outer shield termination
SV01781
3
6
DGND
DVDD
0.1
µF
0.001
µF
VDD
Use one of these networks per side for all digital power and ground
pins and one per side for all analog power and ground pins. Place
the network as close to the PHY as possible.
Figure 6.
Power supply decoupling network
1 k
Ω
SV01750
LPS
LPS
LINK POWER
SQUARE WAVE INPUT
1 k
Ω
Figure 7.
Non-isolated connection variations for LPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com