Electronic Components Datasheet Search
  English  ▼

X  

PDI1394P21 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDI1394P21
Description  3-port physical layer interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P21 Datasheet(HTML) 5 Page - NXP Semiconductors

  PDI1394P21 Datasheet HTML 1Page - NXP Semiconductors PDI1394P21 Datasheet HTML 2Page - NXP Semiconductors PDI1394P21 Datasheet HTML 3Page - NXP Semiconductors PDI1394P21 Datasheet HTML 4Page - NXP Semiconductors PDI1394P21 Datasheet HTML 5Page - NXP Semiconductors PDI1394P21 Datasheet HTML 6Page - NXP Semiconductors PDI1394P21 Datasheet HTML 7Page - NXP Semiconductors PDI1394P21 Datasheet HTML 8Page - NXP Semiconductors PDI1394P21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Philips Semiconductors
Objective specification
PDI1394P21
3-port physical layer interface
1999 Jul 09
5
Name
Description
I/O
Pin Numbers
Pin Type
/RESET
CMOS 5V tol
78
I
Logic reset input. Asserting this terminal low resets the internal logic. An
internal pull-up resistor to VDD is provided so only an external
delay capacitor in parallel with a resistor is required for proper power-up
operation. For more information, refer to Section 17.3. This input is
otherwise a standard logic input, and can also be driven by an
open-drain type driver.
R0, R1
Bias
66, 67
—
Current setting resistor terminals. These terminals are connected to
an external resistance to set the internal operating currents and
cable driver output currents. A resistance of 6.34 k
Ω ±1% is required to
meet the IEEE Std 1394–1995 output voltage limits.
SYSCLK
CMOS
2
O
System clock output. Provides a 49.152 MHz clock signal, synchronized
with data transfers, to the LLC.
TEST0
CMOS
33
I
Test control input. This input is used in manufacturing tests of the
PDI1394P21. For normal use, this terminal should be tied to GND.
TEST1
CMOS
32
I
Test control input. This input is used in manufacturing tests of the
PDI1394P21. For normal use, this terminal should be tied to GND.
TPA0+,
TPA1+,
TPA2+
Cable
45, 52, 58
I/O
Twisted-pair cable A differential signal terminals. Board traces from each
pair of positive and negative differential signal terminals should be kept
TPA0–,
TPA1–,
TPA2–
Cable
44, 51, 57
I/O
gg
matched and as short as possible to the external load resistors and to
the cable connector.
TPB0+,
TPB1+,
TPB2+
Cable
43, 50, 56
I/O
Twisted-pair cable B differential signal terminals. Board traces from each
pair of positive and negative differential signal terminals should be kept
TPB0–,
TPB1–,
TPB2–
Cable
42, 49, 55
I/O
gg
matched and as short as possible to the external load resistors and to
the cable connector.
TPBIAS0,
TPBIAS1,
TPBIAS2
Cable
46, 53, 59
I/O
Twisted-pair bias output. This provides the 1.86V nominal bias voltage
needed for proper operation of the twisted-pair cable drivers and
receivers, and for signaling to the remote nodes that there is an active
cable connection. Each of these terminals must be decoupled with a
0.3
µF–1 µF capacitor to ground.
XO, XI
Crystal
77, 76
—
Crystal oscillator inputs. These terminals connect to a 24.576 MHz
parallel resonant fundamental mode crystal. The optimum values for the
external shunt capacitors are dependent on the specifications of the
crystal used. Can also be driven by an external clock generator (leave
XO unconnected in this case).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com