Electronic Components Datasheet Search
  English  ▼

X  

0127 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 0127
Description  Direct-acting 2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0127 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  0127 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Type 0127
3 | 20
Visit product website 
1.
General technical data
1.1. General data
Product properties
Dimensions
Detailed information can be found in chapter “5. Dimensions” on page 8.
Material
Seal
FFKM, FKM, EPDM
Fluid housing
PEEK, PPS (PVDF on request)
Internal volume1.)
Sub-base: from 44 µl
Tube connection: from 35 µl
G ⅛": from 100 µl
UNF ¼"-28: from 25 µl
< 10 µl available on request
Detailed information can be found in chapter “1.4. Internal volume” on page 5
Orifice
DN 0.8…DN 1.6
Circuit function
Detailed information can be found in chapter “3. Circuit functions” on page 6.
Nominal operating mode2.)
10 mio. switching cycles (according to laboratory endurance test with FKM and EPDM)
Performance data
Switching time3.)
Open: ca. 25 ms (Pressure rise 0…10 %)
Closing: ca. 25 ms (Pressure drop 100…90 %)
Electrical data
Operating voltage
12/24 V DC, 24 V UC, (other voltages on request)
Duty cycle
100 % continuous rating
Manifold mounting: If medium or ambient temperatures are above + 40 ºC:
intermittent operation 40 % (minimum 10 min)
Nominal power
3.4 W (Versions with internal power reduction possible)
Voltage tolerance
± 10 %
Medium data
Operating medium
Resistant to neutral and aggressive liquids and gases
(see chapter “4.1. Bürkert resistApp” on page 7)
Medium temperature
Max. - 10…55 °C
Detailed information can be found in chapter “1.3. Medium temperature” on page 4.
Process/Port connection & communication
Electrical connection4.)
Cable plug Type 1054 
Two FEP-leads 0.2 mm² (AWG24), length 500 mm
Rectangular cable plug, Type 2505 
Port connection
Bürkert sub-base (16 × 27 mm)
Tube connection
G ⅛"
UNF ¼"-28
Approvals and certificates
Degree of protection
IP65 with flying leads and cable plug Type 1054 
IP30 with rectangular plug Type 2505 
Environment and installation
Installation
As required, preferably with actuator upright
Ambient temperature
Max. 55 °C
1.) The internal volume can vary depending on the housing. For more information see “1.4. Internal volume” on page 5.
2.) The life expectancy depends on medium, temperature, pressure, seal material, individual application conditions.
3.) Measurement at 2 bar and + 20 °C at the valve outlet acc. to DIN ISO 12238:2001
4.) Other electric connectors and other cable lengths are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com