Electronic Components Datasheet Search
  English  ▼

X  

0127 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 0127
Description  Direct-acting 2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0127 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  0127 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Type 0127
4 | 20
Visit product website 
1.2. Medium pressure
Note:
• Different pressure ranges available on request
• For low dead volume versions, the back pressure is limited to a maximum of 1 bar.
Circuit functions
Orifice
Port connection
Max. differential pressure1.)
[mm]
[bar]
Circuit function A (CF A)
2/2-way solenoid valve
Direct-acting
Normally closed
NC
0.8
Sub-base
0…6
1.2
UNF ¼"-28
Sub-base
0…5
1.6
UNF ¼"-28
0…2
Sub-base
G ⅛"
Tube connection
Vac…2
Circuit function B (CF B)
2/2-way solenoid valve
Direct-acting
Normally open
NO
0.8
Sub-base
0…6
1.2
UNF ¼"-28
Sub-base
0…5
1.6
UNF ¼"-28
0…2
Sub-base
G ⅛"
Tube connection
Vac…2
Circuit function T (CF T)
3/2-way solenoid valve
Direct-acting
Flow direction optional
Universal
NC
NO
0.8
Sub-base
0…6
1.2
UNF ¼"-28
Sub-base
0…5
1.6
UNF ¼"-28
0…2
Sub-base
G ⅛"
Tube connection
Vac…2
1.) Pressure data: Overpressure to atmospheric pressure
1.3. Medium temperature
Note:
The permissible medium temperature depends on the seal material and the orifice.
Description
Orifice
Seal material
Temperature range
Medium temperature
DN 0.8
FFKM
+ 5 °C…+ 50 °C
DN 0.8
FKM
0 °C…+ 50 °C
DN 0.8
EPDM
- 5 °C…+ 50 °C
DN 1.2 and DN 1.6
FFKM
+ 10 °C…+ 50 °C
DN 1.2 and DN 1.6
FKM
+ 5 °C…+ 50 °C
DN 1.2 and DN 1.6
EPDM
0 °C…+ 50 °C
Medium temperature with limi-
tation on switching time and
life expectancy
DN 0.8
FFKM
0 °C…+ 50 °C
DN 0.8
FKM
- 5 °C…+ 55 °C
DN 0.8
EPDM
- 10 °C…+ 50 °C
DN 1.2 and DN 1.6
FFKM
+ 5 °C…+ 50 °C
DN 1.2 and DN 1.61.)
FKM
0 °C…+ 55 °C
DN 1.2 and DN 1.6
EPDM
- 5 °C…+ 50 °C
1.) Up to - 15 °C available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com