Electronic Components Datasheet Search
  English  ▼

X  

0127 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 0127
Description  Direct-acting 2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0127 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 0127 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Type 0127
13 | 20
Visit product website 
Circuit
function
Port
connection
Orifice Q
Nn
value
air
K
V value
water
C
V value
Voltage/
Frequency
Pres-
sure
range
Body
material
Seal
mate-
rial
Electrical
connection
Article no.
[mm]
[l/min] [m3/h]
[gpm]
[V/Hz]
[bar]1.)
CF T
3/2-way
solenoid valve
Direct-acting
Flow direction
optional
Universal
NC
NO
Sub-base
0.8
16
0.015
0.017
24/DC
0…6
PEEK
FFKM
Flying leads, 0.5 m
276748 
PPS
FKM
Rectangular plug
276749 
PPS
EPDM Rectangular plug
276750 
Sub-base
1.2
32
0.03
0.035
24/DC
0…5
PEEK
FFKM
Flying leads, 0.5 m
276753 
Rectangular plug
276754 
PPS
FKM
Flying leads, 0.5 m
276756 
PPS
EPDM Rectangular plug
276758 
UNF ¼"-28
1.2
27
0.025
0.029
12/DC
0…5
PEEK
FFKM
Flying leads, 0.5 m
244696 
24/DC
Rectangular plug
297064 
Cable plug
269045 
Sub-base
1.6
49
0.045
0.052
24/DC
Vac…2
PEEK
FFKM
Flying leads, 0.5 m
460264 
PPS
FKM
Rectangular plug
271604 
PPS
EPDM Rectangular plug
276759 
Tube
connector
1.6
49
0.045
0.052
24/DC
Vac…2
PEEK
FFKM
Flying leads, 0.5 m 20038002 
Rectangular plug
20050311 
G ⅛"
1.6
54
0.05
0.054
24/DC
Vac…2
PEEK
FFKM
Flying leads, 0.5 m 20041217 
Rectangular plug
20051577 
UNF ¼"-28
1.6
33
0.03
0.035
24/DC
0…2
PEEK
FFKM
Flying leads, 0.5 m
464968 
Rectangular plug
262461 
Cable plug
280172 
1.) Pressure data: Overpressure to atmospheric pressure
Valves with power reduction
Note:
After approx. 500 ms, the nominal power is automatically reduced from 4 W to 1 W.
Circuit
function
Port
connection
Orifice Q
Nn
value
air
K
V value
water
C
V value
Voltage/
Frequency
Pres-
sure
range
Body
material
Seal
material
Electrical
connection
Article no.
[mm]
[l/min] [m3/h]
[gpm]
[V/Hz]
[bar]1.)
CF A
2/2-way
solenoid valve
Direct-acting
Normally closed
NC
Sub-base
1.2
32
0.03
0.035
24/DC
0…5
PPS
FKM
Rectangular plug
357227 
UNF ¼"-28
1.6
33
0.03
0.035
24/DC
0…2
PEEK
FFKM
Rectangular plug
357229 
CF T
3/2-way
solenoid valve
Direct-acting
Flow direction
optional
Universal
NC
NO
Sub-base
1.2
32
0.03
0.035
24/DC
0…5
PPS
FKM
Rectangular plug
357230 
UNF ¼"-28
1.6
33
0.03
0.035
24/DC
0…2
PEEK
FFKM
Rectangular plug
357233 
1.) Pressure data: Overpressure to atmospheric pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com