Electronic Components Datasheet Search
  English  ▼

X  

0127 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0127
Description  Direct-acting 2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0127 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0127 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0127 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Visit product website 
DATA SHEET
Type 1054
Device plug
Type 2505
10 mm socket for
Bürkert small solenoid
valves
Standard | EU | en | 2023-08-16 | 13
Direct-acting 2/2 or 3/2 way Rocker-Solenoid
Valve with separating diaphragm
• For maximum chemical resistance requirements
• Compact design with 16 mm width and Cv ratings up to 0.058
• Proven reliability since 1993
• Flexible design for custom manifold assemblies
• High back pressure tightness, excellent cleanability and 100 % duty
cycle
Bürkert’s unique miniature rocker solenoid valve is the pioneer of isolated mini
valves suitable for laboratory, medical and analysis technology, that still set
the standard! It is a highly reliable minimum volume valve that has low dead
volume and is easy to purge. Boasting an inert isolating diaphragm between
the actuator and body, it is operated via a rocker that separates the actuator
from the fluid. Heat transfer between the actuator and the fluid is minimized
due to the coil not having direct contact with the diaphragm. The valves can
be manifold mounted and a simplified common wiring system is available if
required. Special dead volume free designs are also obtainable on request.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 0127
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 0127

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
0127 BURKERT-0127 Datasheet
613Kb / 6P
Fittings for UNF connections with PTFE hose for analysis valves with UNF-1/4-28 connec-tion
03.11.2022
logo
Winchester Electronics ...
0127-050-00401N WINCHESTER-0127-050-00401N Datasheet
66Kb / 1P
TNC RECEPTACLE PANEL MOUNT
0127-050-00402 WINCHESTER-0127-050-00402 Datasheet
292Kb / 1P
RCPT, PNL, TNC 4 PIECE CONNECTOR KIT
logo
RAF ELECTRONIC HARDWARE
0127-SS RAF-0127-SS Datasheet
89Kb / 1P
CAPTIVE PANEL SCREW STYLE 1
logo
Littelfuse
01270001 LITTELFUSE-01270001 Datasheet
1Mb / 1P
101/102/105/107/109/121/125/127/129 Series Rivet/Eyelet Mount Fuse Clips for 1/4?? 13/16??Dia. Fuses
Revised: 04/19/16
More results

Similar Description - 0127

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS54 MOTOROLA-SN54LS54 Datasheet
48Kb / 2P
3-2-2-3-INPUT AND-OR-INVERT GATE
logo
ON Semiconductor
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
Triple 2-3-2-Input OR/NOR Gate
REV 5
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
ON Semiconductor
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
logo
Taoglas antenna solutio...
MB200C TAOGLAS-MB200C Datasheet
603Kb / 12P
Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
logo
PHOENIX CONTACT
3049709 PHOENIX-3049709 Datasheet
57Kb / 3P
Separating plate - HV M12/2-TP
09/12/2020
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com