Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 1060
Description  Direct-acting 2/2-way or 3/2-way toggle valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

1060 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  1060 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Type 0131
4 | 19
Visit product website 
1.2. Version for railway application
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 8.
Material
Seal
EPDM
Body
Brass
Nominal diameter
DN 10…DN 20
Circuit function
A and B
Detailed information can be found in chapter “2. Circuit functions” on page 5.
Thermal insulation class of solenoid coil H
Performance data
Duty cycle
100 % duty cycle
Switching frequency
Max. 6/min
Switching time1.)
Open: 10…20 ms
Close: 40…60 ms
Electrical data
Operating voltage
24 V/UC, 110 V/UC, 230 V/UC; (36 V/UC on request)
Power consumption
Inrush
100 W
Hold
9 W (after 500 ms)
Voltage tolerance
± 30 %
Current consumption at 30 % increased
operating voltage
31.2 V = 7.60 A
143.0 V = 1.80 A
299.0 V = 0.76 A
Medium data
Operating medium
Neutral fluids, e.g. drinking water or neutral gases, e.g. compressed air
Medium temperature
- 30 °C…+ 80 °C
Viscosity (max.)
37 mm2/s
Process/Port connection & communication
Electrical connection
Cable plug Type 2518 according to DIN EN 175 301 - 803, form A (included in delivery),
see “Cable plug Type 2518, form A according to DIN EN 175301 - 803” on page 18
Approvals and certificates
Degree of protection
IP65 with cable plug
Environment and installation
Installation position
Any, preferably actuator face up
Max. system pressure in flow direction
8 bar (switching pressure max. 3 bar depending on orifice)
Ambient temperature
- 30 °C…+ 70 °C
1.) Measurement at the valve outlet 6 bar and 20 °C. Opening: Pressure build-up 0…90 %, Closing: Pressure reduction 100…10 %
2.) UC - Universal Current, AC and DC possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com