Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 1060
Description  Direct-acting 2/2-way or 3/2-way toggle valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

1060 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 1060 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Type 0131
7 | 19
Visit product website 
3.4. 2/2 way brass version
6
1
9
8
7
2
3
4
5
No. Element
Material
1
Coil
Epoxy
2
Plunger
Stainless steel 1.4105
3
Toggle pin
PTFE
4
O-ring
NBR, FKM, EPDM
5
Closing body
NBR, FKM, EPDM
6
Body
Brass
7
O-ring
NBR, FKM, EPDM
8
Lateral flange
PC
9
Manual override with locking function
3.5. 2/2 way plastic version with true union nut and connection fitting
7
1
11
10
9
8
2
3
4
5
6
No. Element
Material
1
Coil
Epoxy
2
Plunger
Stainless steel 1.4105
3
Toggle pin
PTFE
4
True union nut
PVC
5
O-ring
FKM, EPDM
6
Connection fitting
True union, threaded,
weld end
7
Body
PVC
8
Closing body
FKM, EPDM
9
O-ring
FKM, EPDM
10
Lateral flange
PC
11
Manual overide with locking function
3.6. 2/2 way brass version for railway application
6
1
9
8
7
2
3
4
5
No. Element
Material
1
Coil
Epoxy
2
Plunger
Stainless steel 1.4105
3
Toggle pin
PTFE1.)
4
O-ring
EPDM2.)
5
Closing body
EPDM2.)
6
Body
Brass
7
O-ring
EPDM2.)
8
Lateral flange
PC
9
Manual override with locking function
1.) PTFE suitable for drinking water
2.) EPDM with KTW and W270 certificate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com