Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 1060
Description  Direct-acting 2/2-way or 3/2-way toggle valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

1060 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  1060 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Visit product website 
DATA SHEET
Type 1087
Timer, form A according
to DIN EN 175301 - 803
Type 2518
Cable plug,
form A according to
DIN EN 175301-803
Type 1060
Electrical position
feedback for pneumat-
ically operated process
valves
Standard | EU | en | 202211 | 11
Direct-acting 2/2-way or 3/2-way toggle
valve
• Direct-acting media-separated valve up to DN 20
• Vibration-proof, block screwed solenoid system
• Energy-saving power reduction for all DC variants
• Increased safety due to electrical position feedback (optional)
• Robust, service-friendly manual override
The 0131 valve is a direct-acting toggle valve. A variety of seal material
combinations are available depending on the application. Thanks to the
diaphragm separation between actuator and fluid housing, aggressive media
such as acids and alkaline solutions can also be safely controlled. The assort-
ment is rounded out with plastic housings made of PVC. The solenoids are
moulded with a highly resistant chemical epoxy. “Kick and drop” electronics
are moulded into all DC solenoid variants for reduced electrical power con-
sumption. An optional electrical position feedback sensor reliably detects the
switching position. Conformity with KTW and W270 are available for drinking
water applications. Furthermore, versions of type 0131 are available that
conform with DIN EN 45545:2016 (standard parts 2 and 5) – fire protection in
railway vehicles.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 0131
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 1060

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1060 SCHURTER-1060 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1-pole
1060 SCHURTER-1060 Datasheet
457Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1-pole
logo
Heyco.
1060 HEYCO-1060 Datasheet
112Kb / 1P
Original Strain Relief Bushings
logo
Abbatron All Rights Res...
1060 ABBATRON-1060 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Microchip Technology
1060 MICROCHIP-1060 Datasheet
526Kb / 35P
Six-channel QTouch® Touch Sensor IC
More results

Similar Description - 1060

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com