Electronic Components Datasheet Search
  English  ▼

X  

1060 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 1060
Description  Direct-acting 2/2-way or 3/2-way toggle valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

1060 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 1060 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 1060 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Type 0131
13 | 19
Visit product website 
6.3. Ordering chart
3/2 way version, seal material EPDM
Note:
For detailed information on the circuit functions, see chapter “2. Circuit functions” on page 5.
Circuit
function
Port connection Orifice K
V value
water
Pressure
range
Body
material
Article no. per voltage/frequency [V/Hz]
[inch resp. mm] [mm]
[m3/h]
[bar]
024/UC
230/UC
024/50
230/50
C, solenoid valve
3/2 way
Direct-acting
Normally closed
2(A)
1(P)
3(R)
12
G ⅜
10
2.0
0…1
PVC
X
X
–
–
G ½
2.0
0…1
X
X
–
–
True union Ø 16
2.0
0…1
X
X
–
–
True union Ø 20
2.0
0…1
X
X
–
–
G ½
15
4.0
0…0.5
X
X
–
–
True union Ø 20
4.0
0…0.5
X
X
–
–
True union Ø 25
4.0
0…0.5
X
X
–
–
G ¾
20
5.0
0…0.25
X
X
–
–
True union Ø 25
5.0
0…0.25
X
X
–
–
D, solenoid valve
3/2 way
Direct-acting
Normally opened
2(B)
1(P)
3(R)
10
G ⅜
10
2.0
0…1
X
X
X
X
G ½
2.0
0…1
X
X
X
X
True union Ø 16
2.0
0…1
X
X
X
X
True union Ø 20
2.0
0…1
X
X
X
X
G ½
15
4.0
0…0.5
X
X
X
X
True union Ø 20
4.0
0…0.5
X
X
X
X
True union Ø 25
4.0
0…0.5
X
X
X
X
G ¾
20
5.0
0…0.25
X
X
X
X
True union Ø 25
5.0
0…0.25
X
X
X
X
F, distribution valve
(solenoid valve)
3/2 way
Direct-acting
4(A)
2(B)
1(P)
G ⅜
10
2.0
0…1
X
X
X
X
G ½
2.0
0…1
X
X
076537 
X
True union Ø 16
2.0
0…1
055770 
X
064266  052546 
True union Ø 20
2.0
0…1
X
X
X
X
G ½
15
4.0
0…0.5
025876 
X
X
X
True union Ø 20
4.0
0…0.5
049883 
X
058279  052071 
True union Ø 25
4.0
0…0.5
X
X
X
X
G ¾
20
5.0
0…0.25
X
X
X
X
True union Ø 25
5.0
0…0.25
067076 
X
040921  054564 
C, solenoid valve
3/2 way
Direct-acting
Normally closed
2(A)
1(P)
3(R)
12
G ⅜
10
2.0
0…1
Brass
X
X
–
–
G ½
15
4.0
0…0.5
046648 
X
–
–
G ¾
20
5.0
0…0.25
X
X
–
–
D, solenoid valve
3/2 way
Direct-acting
Normally opened
2(B)
1(P)
3(R)
10
G ⅜
10
2.0
0…1
X
X
X
X
G ½
15
4.0
0…0.5
X
X
X
X
G ¾
20
5.0
0…0.25
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com