Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 way Flipper-Solenoid Valve with separating diaphragm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8763 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type 6650
3 | 8
Visit product website 
1.
General Technical Data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 4.
Material
Seal
FFKM (Simriz)
Body
PEEK
Internal volume
Fluid chamber
Ca. 30 µl
2/2 way
Ca. 37 µl
Nominal diameter
DN 0.4 and DN 0.8
Performance data
Switching times
< 5 ms (acc. to ISO 12238)
Electrical data
Operating voltage
24 V (12 V on request)
Voltage tolerance
± 10 %
Duty cycle
100 % continuous operation only with external power reduction1.)
Switching frequency
80 Hz (for mechanical limit observe maximum temperature)1.)
15 Hz (continuous only with external power reduction)1.)
Nominal power
5.7 W inrush power
0.7 W holding power with power reduction. For 100 % duty cycle the power must be
reduced externally. Uniform polarity must be ensured when aligning the devices 1.)
For details on power electronics, see chapter “4.2. Cable plug type 2504 with inte-
grated booster and power reduction electronics” on page 5.
Medium data
Medium temperature
+ 15 °C…+ 50 °C
Operating medium
Resistant to neutral and aggressive fluids and gases, see chapter “3.1. Chemical
Resistance Chart – Bürkert resistApp” on page 4.
Process/Port connection & communication
Port connection
Flange
Electrical connection
Cable plug Type 2504 
Environment and installation
Ambient temperature
+ 10 to + 50 °C
Installation position
As required, with side by side connection standard polarity is adhered to
Degree of protection
IP65
1.) For further information, please refer to operating instructions Type 6650 .
2.
Circuit functions
Circuit functions
Description
NC
Type: A, solenoid valve
2/2 way
Direct-acting
Normally closed



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com