Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 way Flipper-Solenoid Valve with separating diaphragm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8763 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Visit product website 
DATA SHEET
Type 2504
Cable Plug for Bürkert
Solenoid Valve Type
6650
Type 8763
Pressure controller for
precise time-pressure
dosing
1000105258 | Standard | EU | en | 202102 | 15
2/2 way Flipper-Solenoid Valve with
separating diaphragm
• Only 4.5 mm wide
• Medium isolation, for aggressive fluids
• Direct-acting
• Vacuum up to 7 bar
• Short response times
With a width of only 4.5mm, Type 6650 sets a new standard in medium iso-
lation miniature solenoid valves. The optimized design enables reproducible
and precise dosing, good rinsing capability and is suitable for the application
of aggressive chemicals owing to the high quality of the materials used. With
the two nominal sizes of 0.4 and 0.8mm it is ideal for applications where the
highest fluid performances are required in the smallest space. Type 6650
opens up new possibilities, owing to the 4.5mm station width, in particular
in connection with dosing in 384-well microtiterplates. Based on the well-
known flipper principle of the Type 0330, it is tied to the success history of the
legendary Type 127.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 6650
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8763

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8763 BURKERT-8763 Datasheet
534Kb / 9P
2/2-way Whisper Valve with media separation
20.03.2024
8763 BURKERT-8763 Datasheet
1Mb / 15P
2/2 or 3/2-way Whisper Valve with media separation
02.02.2024
8763 BURKERT-8763 Datasheet
1Mb / 13P
Pressure controller for precise time-pressure dosing
26.01.2021
logo
3M Electronics
87630A 3M-87630A Datasheet
72Kb / 3P
3M™ Surface Protective Tape 87630A
Feb-2016
logo
Molex Electronics Ltd.
87631 MOLEX-87631 Datasheet
3Mb / 6P
PowerPlusTM (SSI) Expandable Power & Signal Connectors
More results

Similar Description - 8763

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
Sensortechnics GmbH
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
16 mm isolated diaphragm solenoid valves
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
logo
PHOENIX CONTACT
3049709 PHOENIX-3049709 Datasheet
57Kb / 3P
Separating plate - HV M12/2-TP
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com