Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 way Flipper-Solenoid Valve with separating diaphragm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

  8763 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Type 6650
6 | 8
Visit product website 
5.
Ordering information
5.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
5.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
5.3. Ordering chart
Note:
Mounting screws: Stainless steel, 2x M2 × 8 (included)
Circuit function
Orifice
K
V value water
Pressure
range
Max. pressure
difference
Voltage
Nominal power
(Inrush-/nominal
holding power)
Article no.
[mm]
[m³/h] 1.)
[bar] 2.)
[bar]
[V]
[W]
A, solenoid valve
2/2 way
Direct-acting
Normally closed
NC
0.4 3.)
0.004
Vac.- 7
7
24
5.7/0.7
182284 
0.8 4.)
0.010
Vac.- 3
3
24
5.7/0.7
226664 
1.) Measured at + 20 ºC, 1 bar pressure at valve inlet and free outlet
2.) Measured as overpressure to the atmospheric pressure
3.) With orifice 0.4 mm flow permitted in both directions
4.) With orifice 0.8 mm flow direction according to label
Further versions on request
Voltage
12 V on request (external power reduction necessary, not possible with Article no. 670178)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com