Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 way Flipper-Solenoid Valve with separating diaphragm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

  8763 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Type 6650
7 | 8
Visit product website 
5.4. Ordering chart accessories
Accessories
Description
Article no.
Cable plug type 2504 with integrated hit and hold electronic, 24 V DC, 500 mm
long, Power reduction to 0.7 W after 5 ms
670178 
Cable plug type 2504, single cable, 500 mm long1.)
670164 
Cable plug type 2504, single cable, 5000 mm long1.)
680840 
1.) The valve must be operated with external power reduction. After 5 ms the voltage is reduced to 0.35x nominal voltage in hold mode or switched to a PWM signal (20 kHz,
duty cycle 33 %). If the available integrated electronics are not used, the power must be reduced accordingly on the control side. If no power reduction is used, the permissi-
ble duty cycle is reduced, see operating instructions Type 6650 .



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com