Electronic Components Datasheet Search
  English  ▼

X  

DPI Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # DPI
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DPI Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  DPI Datasheet HTML 1Page - Sensata Technologies, Inc. DPI Datasheet HTML 2Page - Sensata Technologies, Inc. DPI Datasheet HTML 3Page - Sensata Technologies, Inc. DPI Datasheet HTML 4Page - Sensata Technologies, Inc. DPI Datasheet HTML 5Page - Sensata Technologies, Inc. DPI Datasheet HTML 6Page - Sensata Technologies, Inc. DPI Datasheet HTML 7Page - Sensata Technologies, Inc. DPI Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
www.sensata.com
Copyright © 2023 Sensata Technologies, Inc.
INPUT CURRENT INFORMATION(1)
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
4-32 VDC Input
Input Voltage (VDC)
0
50
100
150
200
250
0.01
0.1
1
10
Surge Duration (Secs)
0
100
200
300
400
500
600
700
0.01
0.1
1
10
Surge Duration (sec)
SURGE CURRENT INFORMATION
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
4-32 VDC Input
Input Voltage (VDC)
0
50
100
150
200
250
0.01
0.1
1
10
Surge Duration (Secs)
0
100
200
300
400
500
600
700
0.01
0.1
1
10
Surge Duration (sec)
DPIDXX40X
DPIDXX20X
THERMAL DERATE INFORMATION(1)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0
10
20
30
40
50
60
70
80
Ambient Temperature (°C)
DPIXXD40X
0.0
5.0
10.0
15.0
20.0
25.0
0
10
20
30
40
50
60
70
80
Ambient Temperature (°C)
DPIXXD20X
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0
10
20
30
40
50
60
70
80
Ambient Temperature (°C)
DPIXXD40X
0.0
5.0
10.0
15.0
20.0
25.0
0
10
20
30
40
50
60
70
80
Ambient Temperature (°C)
DPIXXD20X
DPIDXX40X
DPIDXX20X
1.5°C/W
0.7°C/W
Ambient Temperature (°C)
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com