Electronic Components Datasheet Search
  English  ▼

X  

DPI Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # DPI
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DPI Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  DPI Datasheet HTML 1Page - Sensata Technologies, Inc. DPI Datasheet HTML 2Page - Sensata Technologies, Inc. DPI Datasheet HTML 3Page - Sensata Technologies, Inc. DPI Datasheet HTML 4Page - Sensata Technologies, Inc. DPI Datasheet HTML 5Page - Sensata Technologies, Inc. DPI Datasheet HTML 6Page - Sensata Technologies, Inc. DPI Datasheet HTML 7Page - Sensata Technologies, Inc. DPI Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1
www.sensata.com
Copyright © 2023 Sensata Technologies, Inc.
DPI SERIES | PUSH-IN DUAL CHANNEL
PANEL MOUNT SOLID STATE RELAYS
SPECIFICATIONS
Features
Applications
Output (1)
• Rating up to 40 Amps per channel (3)
• SCR Output for heavy industrial loads
• Output Push-in Connectors
• DBC substrate for superior thermal performance
• 4000 VAC Optical isolation (4)
• IP20 touch-safe housing
• Fast Push-in Wiring Connection without tools (5)
• cURus and TUV approved, CE and RoHS compliant
• Industrial ovens
• Professional cooking equipment
• Heat trace controls
• Packaging equipment
• Plastic injection molding equipment
• Lighting control
• HVAC&R
Description
DPID24XX
DPID60XX
Operating Voltage (47-63Hz) [Vrms] per UL508
24-280
48-600
Operating Voltage (47-63Hz) [Vrms] per EN 62314
280
480
Transient Overvoltage [Vpk]
600
1200
Minimum Off-State dV/dt @ Maximum Rated Voltage [V/μsec]
500
500
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
1
1
Sensata | Crydom DPI Series is a family of hockey puck style, dual channel AC output Solid State Relays with easy to wire push-in connections, offering improved
mechanical and thermal design compared to similar solutions in the market. These dual output SSRs are available with ratings of 20 and 40 Amps at 24 to 600
VAC.
DPI Series Dual SSRs have two outputs controlled by two independent DC control inputs, and the input connector is compatible with different types of header
connectors (not included). This connector has a pitch of 5.08 mm, allowing for greater flexibility when wiring the input connections.
Control Voltage
20A
40A
4-32VDC
DPID2420
DPID2440
DPID6020
DPID6040
PRODUCT SELECTION


Similar Part No. - DPI

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
DPICH APEX-ELECTRONICS-DPICH Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02NR APEX-ELECTRONICS-DPICHGF02NR Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02NT APEX-ELECTRONICS-DPICHGF02NT Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02TR APEX-ELECTRONICS-DPICHGF02TR Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02TT APEX-ELECTRONICS-DPICHGF02TT Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
More results

Similar Description - DPI

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
List of Unclassifed Man...
RSSDN-10A ETC2-RSSDN-10A Datasheet
221Kb / 4P
RSS Series-Panel Mount Solid State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com