Electronic Components Datasheet Search
  English  ▼

X  

DPI Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # DPI
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DPI Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

  DPI Datasheet HTML 1Page - Sensata Technologies, Inc. DPI Datasheet HTML 2Page - Sensata Technologies, Inc. DPI Datasheet HTML 3Page - Sensata Technologies, Inc. DPI Datasheet HTML 4Page - Sensata Technologies, Inc. DPI Datasheet HTML 5Page - Sensata Technologies, Inc. DPI Datasheet HTML 6Page - Sensata Technologies, Inc. DPI Datasheet HTML 7Page - Sensata Technologies, Inc. DPI Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7
www.sensata.com
Copyright © 2023 Sensata Technologies, Inc.
ACCESSORIES
Example Compatible Mating Connectors
Part Number Manufacturer Description
AWG
11121025
American
Electrical
Crimp Wire
Ferrule, Blue
Up to 12
AWG
1836901
Phoenix
Contact
Terminal
Block, Screw
30-12
AWG
1902136
Phoenix
Contact
Terminal
Block, Spring
24-12
AWG
Series
DPI = Push-in Dual
Control Voltage
D = 4-32 VDC
Operating Voltage
24 = 24-280 VAC
60 = 48-600 VAC
Rated Load Current
20 = 20Amps
40 = 40Amps
Switching Type
Blank = Zero Voltage Turn-On
R = Instantaneous Turn-On
Thermal Pad
Blank = Not included
H = Included
ORDERING OPTIONS
Example : DPID6040RH
DPI
D
60
40
R
H
GENERAL NOTES
(1)
All parameters at 25°C, per channel, unless otherwise specified.
(2)
Heat sinking required, see derating curve.
(3)
For 40 Amps rating use two conductors per connector push-in, each pole manages up to 20 Amps.
(4)
4000 VAC between input vs output & 2500 VAC between terminals vs baseplate.
(5)
Stripping length of 8 mm nominal.
(6)
Turn-on time for Instantaneous turn-on versions is 0.1 msec.
(7)
Per EN 62314 @ 40°C.
Recommended Accessories
Hardware Kit
Thermal Pad
Heat Sink Part No.
Thermal Resistance
[ºC/W]
HK1
HS501DR
HS301 / HS301DR
HS251
HS201 / HS201DR
HS202 / HS202DR
HS172
HS151 / HS151DR
HS122 / HS122DR
HS103 / HS103DR
HS101
HS073
HS072
5
3
2.5
2
2
1.7
1.5
1.2
1
1
0.7
0.7
HSP-1
HSP-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com