Electronic Components Datasheet Search
  English  ▼

X  

DPI Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # DPI
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DPI Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  DPI Datasheet HTML 1Page - Sensata Technologies, Inc. DPI Datasheet HTML 2Page - Sensata Technologies, Inc. DPI Datasheet HTML 3Page - Sensata Technologies, Inc. DPI Datasheet HTML 4Page - Sensata Technologies, Inc. DPI Datasheet HTML 5Page - Sensata Technologies, Inc. DPI Datasheet HTML 6Page - Sensata Technologies, Inc. DPI Datasheet HTML 7Page - Sensata Technologies, Inc. DPI Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5
www.sensata.com
Copyright © 2023 Sensata Technologies, Inc.
INSTALLATION INSTRUCTIONS
Mounting on Heat Sinks
Select adequate heat sink (see thermal derating curves in product series’ datasheet).
Be sure to use a thermal pad or thermal compound (0.006 - 0.008 in layer thickness recommended) between the SSR and the selected heatisnk (see Accessories
section for options).
Before applying full torque tighten down both screws until they contact the baseplate. Then, tighten them to 15 to 20 lb-in / 1.7 to 2.2 Nm
For optimal thermal performance heat sink fins should be oriented vertically to promote natural convection airflow.
Mounting on Panels
Locate the panel section on which the SSR will be mounted. Panel mount surface must provide adequate heat sinking capability, uncoated, clean, flat (0.004 in/in
recommended) and preferably aluminum.
Be sure to use a thermal pad or thermal compound (0.006 - 0.008 in layer thickness recommended) between the SSR and the panel.
SSR mounting slots have a diameter of 0.2 in (5.0 mm). Two screws are needed (not included) to mount the SSR onto panel. Choose screw length considering the
mounting surface hole depth and that the SSR baseplate thickness is 0.125 in (3.2 mm).
Before applying full torque tighten down both screws until they contact the baseplate. Then, tighten them to 20 lb-in (2.2 Nm).
Intallation of the insulated Ferrule
*Use a recommended tool for crimping the furrules before be installed into each connector, per Figure A.
Ferrule terminal before crimping process
Two insulated ferrule installed
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²
Conductor cross section flexible, with ferrule without plastic
sleeve min.
0.25 mm² stripping lenght 8 mm
Conductor cross section flexible, with ferrule without plastic
sleeve max.
0.25 mm² stripping lenght 8 mm
Conductor cross section flexible, with ferrule with plastic
sleeve min.
0.25 mm² stripping lenght 8 mm
Conductor cross section flexible, with ferrule with plastic
sleeve max.
0.25 mm² stripping lenght 8 mm
Conductor cross section AWG min.
24
Conductor cross section AWG min.
12
Recommended Cross Section for Output connection wire



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com