Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 200
Description  Miniature Solenoid Valve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

200 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  200 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ordering Chart (Other Versions on Request)
Circuit
Orifice
Flow Rate
Port
Pressure
Body
Seal
Weight
Voltage/
Order-No.
Function
Water
Air 1)
Connection
Range
Material
Material
Frequency
DN
Kv-Value
QNn
[mm]
[m3/h]
[l/min]
[mm]
[bar]
[kg]
[V/Hz]
A
01,2
0,045
48
G 1/8
0-12
Brass
NBR
0,12
012/=
056 533 K
0-12
Brass
NBR
0,12
024/=
047 108 H
0-21
Brass
NBR
0,12
024/50
044 362 B
0-21
Brass
NBR
0,12
110/50
052 844 X
0-21
Brass
NBR
0,12
230/50
046 605 A
0-10
Brass
NBR
0,12
230/50 2)
019 411 L
0-21
Brass
NBR
0,12
240/50
045 694 S
0-21
Stainless
NBR
0,12
024/50
049 497 Z
0-12
Stainless
NBR
0,12
024/=
051 827 M
0-21
Stainless
NBR
0,12
230/50
041 246 C
M 5
0-12
Brass
NBR
0,10
012/=
054 900 E
0-21
Brass
NBR
0,10
024/50
048 222 B
0-12
Brass
NBR
0,10
024/=
044 246 F
0-21
Brass
NBR
0,10
110/50
024 350 F
0-21
Brass
NBR
0,10
230/50
047 533 J
0-21
Brass
NBR
0,10
240/50
051 790 C
G 1/8
0-12
Brass
FPM
0,12
012/=
053 702 A
0-21
Brass
FPM
0,12
024/50
045 162 U
0-12
Brass
FPM
0,12
024/=
054 121 L
0-21
Brass
FPM
0,12
110/50
078 165 G
0-21
Brass
FPM
0,12
230/50
062 617 V
0-12
Stainless
FPM
0,12
012/=
023 294 K
0-21
Stainless
FPM
0,12
024/50
065 838 W
0-12
Stainless
FPM
0,12
024/=
050 035 Z
0-21
Stainless
FPM
0,12
110/50
065 149 B
0-21
Stainless
FPM
0,12
230/50
047 093 M
0-21
Stainless
FPM
0,12
240/50
018 973 W
M 5
0-12
Brass
FPM
0,10
012/=
054 159 A
0-12
Brass
FPM
0,10
024/=
055 778 P
0-21
Brass
FPM
0,10
230/50
066 893 P
01,6
0,06
65
G 1/8
0-12
Brass
NBR
0,12
024/50
047 011 J
0- 6
Brass
NBR
0,12
024/=
048 022 W
0- 6
Brass
NBR
0,12
024/=
057 445 U3)
0-12
Brass
NBR
0,12
110/50
050 484 Z
0-12
Brass
NBR
0,12
230/50
044 203 D
0-12
Brass
NBR
0,12
240/50
051 791 Z
0-12
Stainless
NBR
0,12
024/50
026 964 M
0- 6
Stainless
NBR
0,12
024/=
053 546 V
0-12
Stainless
NBR
0,12
230/50
047 007 X
0-12
Stainless
NBR
0,12
240/50
047 310 E
1) Measured with 6 bar upstream pressure and 1 bar pressure drop across the valve at +20
°C, 2) 2 W power consumption,
3) analysis version
Type 200
Miniature Solenoid Valve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com