Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 200
Description  Miniature Solenoid Valve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

200 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  200 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Installation / Accessories
Operating Data (Actuator)
Operating Data (Valve)
Technical Data
Orifice
Kv-Value
QNn-Value
Pressure Range 2)
Weight
DN
Water
Air 1)
4 Watt
AC
DC
[mm]
[m3/h]
[l/min]
[bar]
[bar]
[kg]
1,2
0,045
48
0-21
0-12
0,12
1,6
0,06
65
0-12
0- 6
0,10
2,0
0,11
120
0- 8
0- 4,5
0,12
2,4
0,13
140
0- 6
0- 3
0,09
Body Materials
Brass body and seat
Stainless steel
Valve internals 1.4105, 1.4571
Circuit Function
A 2/2-way valve,
normally closed
Specifications
1) Measured with 6 bar upstream pressure and 1 bar pressure drop across the valve at +20
°C. 2) Also suitable for vacuum.
Operating voltages
AC 24, 230, 240/50 Hz
DC 12, 24 V/=
Voltage tolerance
± 10%
Power consumption
AC 9 VA (inrush),
6 VA/4 W (hold)
DC 4 W
2 Watt-version
6 VA (inrush),
5 VA/2 W (hold)
Duty cycle
100 % continuously rated
Cycling rate
approx. 1000 c.p.m.
Rating
with plug Type 1051 or
cable IP 65
Seal Materials/Fluids Handled/Temp. Range
NBR
Neutral fluids, e.g. compressed air, town gas,
water, hydaulic oils -10 to +90
°C
FPM
hot air, oxygen, per-solutions, hot oils,
oils with additives
-10 to +100
°C
For more detailed information please refer to resistance
chart (Leaflet-No. 1896009).
Max. ambient temperature.
+55
°C
Max. viscosity
approx. 21 mm2/s
Response times
opening 5 - 18 ms
closing
approx. 8 ms
Times measured at outlet A from switching on until
pressure rise to 90 % / pressure drops to 10 % at a max.
working pressure of 6 bar.
Port connection
G 1/8, M5
All pressures quoted are gauge pressures with respect to the prevailing atmospheric pressure.
Installation
as required, but preferably
with solenoid system upright
Electrical connection
• cable connection without
cable plug (supplied as
standard)
• moulded-in cable on request
• 2 or 3 moulded-in flying
leads on request
Type 200
Miniature Solenoid Valve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com