Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 200
Description  Miniature Solenoid Valve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

200 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  200 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering Chart (Other Versions on Request)
Circuit
Orifice
Flow Rate
Port
Pressure
Body
Seal
Weight
Voltage/
Order-No.
Function
Water
Air 1)
Connection
Range
Material
Material
Frequency
DN
Kv-Value
QNn
[mm]
[m3/h]
[l/min]
[mm]
[bar]
[kg]
[V/Hz]
A
01,6
0,06
65
M 5
0-12
Brass
NBR
0,10
024/50
046 004 T
0- 6
Brass
NBR
0,10
024/=
047 455 U
0-12
Brass
NBR
0,10
110/50
051 343 F
0-12
Brass
NBR
0,10
230/50
044 202 C
0-12
Brass
NBR
0,10
240/50
019 285 W
G 1/8
0- 6
Stainless
FPM
0,12
012/=
049 026 T
0-12
Stainless
FPM
0,12
024/50
065 239 D
0- 6
Stainless
FPM
0,12
024/=
042 050 G
0-12
Stainless
FPM
0,12
110/50
066 462 W
0-12
Stainless
FPM
0,12
230/50
054 140 B
0-12
Stainless
FPM
0,12
240/50
066 464 Y
G 1/8
0-12
Brass
FPM
0,12
024/50
022 296 L
0- 6
Brass
FPM
0,12
024/=
056 694 V
0-12
Brass
FPM
0,12
230/50
057 295 W
M 5
0- 6
Brass
FPM
0,10
012/=
046 445 Z
0-12
Brass
FPM
0,10
024/50
058 122 Z
0- 6
Brass
FPM
0,10
024/=
054 017 P
0-12
Brass
FPM
0,10
230/50
053 348 N
02,0
0,11
120
G 1/8
0- 8
Brass
NBR
0,12
024/50
045 111 R
0- 4,5
Brass
NBR
0,12
024/=
048 342 K
0- 8
Brass
NBR
0,12
110/50
018 470 A
0- 8
Brass
NBR
0,12
230/50
041 707 B
0- 8
Brass
NBR
0,12
240/50
049 449 Q
0- 8
Stainless
NBR
0,12
024/50
069 042 F
0- 4,5
Stainless
NBR
0,12
024/=
053 202 D
0- 8
Stainless
NBR
0,12
230/50
044 567 Z
0- 8
Brass
FPM
0,12
024/50
065 592 Q
0- 4,5
Brass
FPM
0,12
024/=
020 646 C
0- 8
Brass
FPM
0,12
230/50
022 638 S
0- 8
Stainless
FPM
0,12
024/50
089 048 A
0- 4,5
Stainless
FPM
0,12
024/=
054 290 A
0- 4,5
Stainless
FPM
0,12
024/=
065 372 A3)
0- 8
Stainless
FPM
0,12
230/50
066 375 E
0- 8
Stainless
FPM
0,12
230/50
044 496 K4)
02,4
0,13
140
G 1/8
0- 3
Stainless
EPDM
0,12
024/=
065 559 E
0- 6
Stainless
EPDM
0,12
240/50
050 537 V
0- 6
Brass
NBR
0,12
024/50
044 013 R
0- 3
Brass
NBR
0,12
024/=
045 423 J
0- 6
Brass
NBR
0,12
110/50
043 749 N
0- 6
Brass
NBR
0,12
230/50
044 669 P
0- 6
Brass
NBR
0,12
240/50
054 871 U
1) Measured with 6 bar upstream pressure and 1 bar pressure drop across the valve at +20
°C, 2) 2 W power consumption,
3) analysis version
Type 200
Miniature Solenoid Valve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com