Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 200
Description  Miniature Solenoid Valve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

200 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  200 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 200 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Miniature Solenoid Valve
Type 200
Advantages/Benefits
Normally closed
Body materials: brass,
stainless steel
Short response time
Compact design
Applications
• Neutral gases and liquids
• Pneumatic control
• Vacuum
• Shut-off, dosing, filling,
ventilating
• Small-scale instrument,
laboratory and measurment
technology
• Gas control, welding
technology
Design/Function
Type 200 is a direct-acting plunger-
type solenoid valve normally closed
by spring action (circuit function A).
When energized, the solenoid
armature is drawn against a spring
to open the valve.
2/2-Way, Direct-acting, G1/8 - M5
The solenoid epoxy encapsulation
efficiently dissipates the heat
generated by the coil.
Fluid Control Systems


Similar Part No. - 200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
200 ETC1-200 Datasheet
3Mb / 2P
100/200
logo
Vishay Siliconix
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
200 ETC2-200 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
SUNMATE electronic Co.,...
200 SUNMATE-200 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
More results

Similar Description - 200

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VYKA-F7-M32-12-D2-PV-5YQ7 FESTO-VYKA-F7-M32-12-D2-PV-5YQ7 Datasheet
89Kb / 2P
Solenoid valve
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8141534 FESTO-8141534 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8150397 FESTO-8150397 Datasheet
94Kb / 2P
Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
Solenoid valve
6/26/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com