Electronic Components Datasheet Search
  English  ▼

X  

THS7347 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7347 Datasheet HTML 2Page - Texas Instruments THS7347 Datasheet HTML 3Page - Texas Instruments THS7347 Datasheet HTML 4Page - Texas Instruments THS7347 Datasheet HTML 5Page - Texas Instruments THS7347 Datasheet HTML 6Page - Texas Instruments THS7347 Datasheet HTML 7Page - Texas Instruments THS7347 Datasheet HTML 8Page - Texas Instruments THS7347 Datasheet HTML 9Page - Texas Instruments THS7347 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS, V
A = VDD = 5 V
THS7347
SLOS531 – MAY 2007
R
L = 150Ω || 5pF to GND for Monitor Output, 19kΩ || 8pF Load to GND for Buffer Output, SAG pin shorted to Monitor Output
Pin, unless otherwise noted.
TYP
OVER TEMPERATURE
0
°C to
–40
°C to
MIN/MAX/
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNIT
TYP
AC PERFORMANCE
Small-signal
Buffer output
550
MHz
Typ
bandwidth
VO = 0.2 VPP
Monitor output
500
MHz
Typ
(–3 dB)
Buffer output
450
MHz
Typ
–1 dB Flatness
VO = 0.2 VPP
Monitor output
400
MHz
Typ
Large-signal
Buffer output
VO = 1 VPP
525
MHz
Typ
bandwidth
Monitor output
VO = 2 VPP
325
MHz
Typ
(–3 dB)
Buffer output
VO = 1 VPP
1200
V/
µs
Typ
Slew rate
Monitor output
VO = 2 VPP
1350
V/
µs
Typ
Buffer output
1.15
ns
Typ
Group delay at
100 kHz
Monitor output
1.15
ns
Typ
Buffer output
0.05/0.05
%
Typ
Differential gain
NTSC/PAL
Monitor output
0.1/0.1
%
Typ
Buffer output
0.05/0.05
degrees
Typ
Differential phase
NTSC/PAL
Monitor output
0.05/0.05
degrees
Typ
Total harmonic
Buffer output
VO = 1 VPP
–71
dB
Typ
distortion
Monitor output
VO = 2 VPP
–67
dB
Typ
f = 1 MHz
Buffer output
63
dB
Typ
Signal-to-noise ratio
No weighting, up to 100 MHz
Monitor output
65
dB
Typ
Buffer output
–40
dB
Typ
Channel-to-channel
f = 100 MHz
crosstalk
Monitor output
–36
dB
Typ
Buffer output
64
dB
Typ
MUX Isolation
f = 100 MHz
Monitor output
66
dB
Typ
Buffer output
f = 100 kHz; VO = 1 VPP
0
dB
Typ
Gain
Monitor output
f = 100 kHz; VO = 2 VPP
6
5.8/6.25
5.75/6.3
5.75/6.35
dB
Min/Max
Buffer output
6
ns
Typ
Settling time
VIN = 1 VPP; 0.5% Settling
Monitor output
6
ns
Typ
Buffer output
0.3
Ω
Typ
Output impedance
f = 10 MHz
Monitor output
0.4
Ω
Typ
DC PERFORMANCE
Buffer output
15
±80
±85
±85
mV
Max
Output offset voltage
Bias = dc
Monitor output
20
±120
±125
±125
mV
Max
Buffer output
20
µV/°C
Typ
Average offset
Bias = dc
voltage drift
Monitor output
20
µV/°C
Typ
Bias = dc + shift, VIN = 0 V
265
185/345
175/355
170/360
mV
Min/Max
Buffer output
Bias = ac
1.5
1.3/1.65
1.25/1.7
1.25/1.7
V
Min/Max
Bias output voltage
Bias = dc + shift, VIN = 0 V
235
145/325
135/335
130/340
mV
Min/Max
Monitor output
Bias = ac
2.65
2.5/2.8
2.45/2.85
2.45/2.85
V
Min/Max
Buffer output
295
205/385
200/390
195/395
mV
Min/Max
Sync tip clamp
Bias = ac STC, clamp voltage
voltage
Monitor output
300
200/400
195/405
190/410
mV
Min/Max
Input bias current
Bias = dc; (–) implies IB out of the pin
–1.4
–3.0
–3.5
–3.5
µA
Max
Average bias current drift
Bias = dc
10
nA/
°C
Typ
Bias = ac STC, low bias
2.4
0.9/3.9
0.8/4.0
0.7/4.1
µA
Min/Max
Sync tip clamp bias current
Bias = ac STC, mid bias
6.2
3.9/8.4
3.8/8.6
3.7/8.7
µA
Min/Max
Bias = ac STC, high bias
8.6
6/11.2
5.8/11.4
5.7/11.5
µA
Min/Max
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com