Electronic Components Datasheet Search
  English  ▼

X  

THS7347 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347 Datasheet(HTML) 3 Page - Texas Instruments

  THS7347 Datasheet HTML 1Page - Texas Instruments THS7347 Datasheet HTML 2Page - Texas Instruments THS7347 Datasheet HTML 3Page - Texas Instruments THS7347 Datasheet HTML 4Page - Texas Instruments THS7347 Datasheet HTML 5Page - Texas Instruments THS7347 Datasheet HTML 6Page - Texas Instruments THS7347 Datasheet HTML 7Page - Texas Instruments THS7347 Datasheet HTML 8Page - Texas Instruments THS7347 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS, V
A = VDD = 3.3 V
THS7347
SLOS531 – MAY 2007
MIN
NOM
MAX
UNIT
VDD
Digital supply voltage
2.7
5
V
VA
Analog supply voltage. Must be equal to or greater than VDD
VDD
5
V
TA
Ambient temperature
–40
+85
°C
R
L = 150 Ω
5 pF to GND for Monitor Output, 19 k
Ω || 8 pF Load to GND for Buffer Output, SAG pin shorted to Monitor
Output Pin, unless otherwise noted.
TYP
OVER TEMPERATURE
0
°C to
–40
°C to
MIN/MAX/
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNIT
TYP
AC PERFORMANCE
Small-signal
Buffer output
500
MHz
Typ
bandwidth
VO = 0.2 VPP
Monitor output
450
MHz
Typ
(–3 dB)
Buffer output
425
MHz
Typ
–1 dB Flatness
VO = 0.2 VPP
Monitor output
375
MHz
Typ
Large-signal
Buffer output
VO = 1 VPP
475
MHz
Typ
bandwidth
Monitor output
VO = 2 VPP
240
MHz
Typ
(–3 dB)
Buffer output
VO = 1 VPP
1050
V/
µs
Typ
Slew rate
Monitor output
VO = 2 VPP
1050
V/
µs
Typ
Buffer output
1.2
ns
Typ
Group delay at
100 kHz
Monitor output
1.2
ns
Typ
Buffer output
0.05/0.05
%
Typ
Differential gain
NTSC/PAL
Monitor output
0.1/0.1
%
Typ
Buffer output
0.1/0.15
degrees
Typ
Differential phase
NTSC/PAL
Monitor output
0.15/0.2
degrees
Typ
Total harmonic
Buffer output
VO = 1 VPP
–58
dB
Typ
distortion
Monitor output
VO = 2 VPP
–57
dB
Typ
f = 1 MHz
Buffer output
63
dB
Typ
Signal-to-noise ratio
No weighting, up to 100 MHz
Monitor output
65
dB
Typ
Buffer output
–40
dB
Typ
Channel-to-channel
f = 100 MHz
crosstalk
Monitor output
–36
dB
Typ
Buffer output
64
dB
Typ
MUX Isolation
f = 100 MHz
Monitor output
66
dB
Typ
Buffer output
f = 100 kHz; VO = 1 VPP
0
dB
Typ
Gain
Monitor output
f = 100 kHz; VO = 2 VPP
6
5.8/6.25
5.75/6.3
5.75/6.35
dB
Min/Max
Buffer output
6
ns
Typ
Settling time
VIN = 1 VPP; 0.5% Settling
Monitor output
6
ns
Typ
Buffer output
0.3
Ω
Typ
Output impedance
f = 10 MHz
Monitor output
0.4
Ω
Typ
DC PERFORMANCE
Buffer output
15
±80
±85
±85
mV
Max
Output offset voltage
Bias = dc
Monitor output
20
±120
±125
±125
mV
Max
Buffer output
20
µV/°C
Typ
Average offset
Bias = dc
voltage drift
Monitor output
20
µV/°C
Typ
Bias = dc + shift, VIN = 0 V
255
175/335
165/345
160/350
mV
Min/Max
Buffer output
Bias = ac
1.0
0.85/1.15
0.8/1.2
0.8/1.2
V
Min/Max
Bias output voltage
Bias = dc + shift, VIN = 0 V
235
145/325
135/335
130/340
mV
Min/Max
Monitor output
Bias = ac
1.7
1.55/1.85
1.5/1.9
1.5/1.9
V
Min/Max
Buffer output
290
200/380
195/385
190/390
mV
Min/Max
Sync tip clamp
Bias = ac STC, clamp voltage
voltage
Monitor output
300
200/400
195/405
190/410
mV
Min/Max
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com