Electronic Components Datasheet Search
  English  ▼

X  

THS7347 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347 Datasheet(HTML) 2 Page - Texas Instruments

  THS7347 Datasheet HTML 1Page - Texas Instruments THS7347 Datasheet HTML 2Page - Texas Instruments THS7347 Datasheet HTML 3Page - Texas Instruments THS7347 Datasheet HTML 4Page - Texas Instruments THS7347 Datasheet HTML 5Page - Texas Instruments THS7347 Datasheet HTML 6Page - Texas Instruments THS7347 Datasheet HTML 7Page - Texas Instruments THS7347 Datasheet HTML 8Page - Texas Instruments THS7347 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
DESCRIPTION, CONTINUED
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
THS7347
SLOS531 – MAY 2007
As part of the THS7347 flexibility, the device input can be selected for ac- or dc-coupled inputs. The ac-coupled
modes include a sync-tip clamp option for CVBS/Y'/G'B'R' with sync or a fixed bias for the C'/P'B/P'R/R'G'B'
channels without sync. The dc input options include a dc input or a dc+Offset shift to allow for a full sync
dynamic range at the output with 0 V input.
The THS7347 is available in a lead-free, RoHS-compliant TQFP package.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGING/ORDERING INFORMATION(1)
PACKAGED DEVICES
PACKAGE TYPE
TRANSPORT MEDIA, QUANTITY
THS7347IPHP
Tray, 250
HTQFP-48 PowerPAD™
THS7347IPHPR
Tape and reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted)(1)
THS7347
UNIT
VSS
Supply voltage, GND to VA or GND to VDD
5.5
V
VI
Input voltage
–0.4 to VA or VDD
V
IO
Continuous output current
±80
mA
Continuous power dissipation
See Dissipation Rating Table
TJ
Maximum junction temperature, any condition(2)
+150
°C
TJ
Maximum junction temperature, continuous operation, long term reliability(3)
+125
°C
Tstg
Storage temperature range
–65 to +150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM
1500
V
ESD ratings
CDM
1500
V
MM
100
V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied Exposure to absolute maximum rated conditions for extended periods may degrade device reliability.
(2)
The absolute maximum junction temperature under any condition is limited by the constraints of the silicon process.
(3)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature may result in reduced reliability and/or lifetime of the device.
POWER RATING(1)(2)
(TJ = +125°C)
θ
JC
θ
JA
PACKAGE
(
°C/W)
(
°C/W)
TA = +25°C
TA = +85°C
HTQFP-48 with PowerPAD (PHP)
1.2
35
2.85 W
1.14 W
(1)
This data was taken with a PowerPAD standard 3-inch by 3-inch, 4-layer printed circuit board (PCB) with internal ground plane
connections to the PowerPAD.
(2)
Power rating is determined with a junction temperature of +125
°C. This temperature is the point where distortion starts to substantially
increase and long-term reliability starts to be reduced. Thermal management of the final PCB should strive to keep the junction
temperature at or below +125
°C for best performance and reliability.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com