Electronic Components Datasheet Search
  English  ▼

X  

THS7347 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7347 Datasheet HTML 5Page - Texas Instruments THS7347 Datasheet HTML 6Page - Texas Instruments THS7347 Datasheet HTML 7Page - Texas Instruments THS7347 Datasheet HTML 8Page - Texas Instruments THS7347 Datasheet HTML 9Page - Texas Instruments THS7347 Datasheet HTML 10Page - Texas Instruments THS7347 Datasheet HTML 11Page - Texas Instruments THS7347 Datasheet HTML 12Page - Texas Instruments THS7347 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
TIMING REQUIREMENTS FOR I2C INTERFACE
(1) (2)
tw(H)
tw(L)
tr
tf
tsu(1)
th(1)
SCL
SDA
tsu(2)
th(2)
tsu(3)
t(buf)
SCL
SDA
StartCondition
StopCondition
THS7347
SLOS531 – MAY 2007
At V
DD = 2.7 V to 5 V.
STANDARD MODE
FAST MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fSCL
Clock frequency, SCL
0
100
0
400
kHz
tw(H)
Pulse duration, SCL high
4
0.6
µs
tw(L)
Pulse duration, SCL low
4.7
1.3
µs
tr
Rise time, SCL and SDA
1000
300
ns
tf
Fall time, SCL and SDA
300
300
ns
tsu(1)
Setup time, SDA to SCL
250
100
ns
th(1)
Hold time, SCL to SDA
0
0
ns
t(buf)
Bus free time between stop and start conditions
4.7
1.3
µs
tsu(2)
Setup time, SCL to start condition
4.7
0.6
µs
th(2)
Hold time, start condition to SCL
4
0.6
µs
tsu(3)
Setup time, SCL to stop condition
4
0.6
µs
Cb
Capacitive load for each bus line
400
400
pF
(1)
The THS7347 I2C address = 01011(A1)(A0)(R/W). See the Applications Information section for more information.
(2)
The THS7347 was designed to comply with version 2.1 of the I2C specification.
Figure 1. SCL and SDA Timing
Figure 2. Start and Stop Conditions
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com