Electronic Components Datasheet Search
  English  ▼

X  

TMDS351 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS351
Description  2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS351 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMDS351 Datasheet HTML 13Page - Texas Instruments TMDS351 Datasheet HTML 14Page - Texas Instruments TMDS351 Datasheet HTML 15Page - Texas Instruments TMDS351 Datasheet HTML 16Page - Texas Instruments TMDS351 Datasheet HTML 17Page - Texas Instruments TMDS351 Datasheet HTML 18Page - Texas Instruments TMDS351 Datasheet HTML 19Page - Texas Instruments TMDS351 Datasheet HTML 20Page - Texas Instruments TMDS351 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ti.com
TMDS Outputs
HPD Pins
DDC Channels
RupSource
VDDSource
Source
Sink
Ron
SCL_SINK
SDA_SINK
SCL
SDA
Driver(Source)
I to-Sink
I to-Source
VDDSink
RupSink
VCCRx
RupRx
Driver(Sink)
Ito
* Sink +
V
dd * Vol(Sink)max
R
upSource ø RupSink
(1)
lto
* Sink +
V
dd
R
upSource ø RupSink
(2)
V
ith(Source)min u lto * Sink
Ron ) Vol(Sink)max
(3)
R
upSink w
V
dd
Ron
R
upSource
(V
ith(Source)min * Vol(Sink)max)
R
upSource * Vdd
Ron
(4)
TMDS351
SLLS840 – MAY 2007
APPLICATION INFORMATION (continued)
A 10% precision resistor, 4.02-k
Ω, is recommended to control the output swing to the HDMI compliant 400 mV
to 600 mV range (500 mV typical). The TMDS outputs are high impedance under standby mode operation, S1 =
H and S2 = L.
The HPD circuits are powered by the 5-V supply. They provide 5-V TTL output signals to the SOURCE with a
typical 1-k
Ω output resistance. An external 1-kΩ resistor is not needed here. The HPD output of the selected
source port follows the logic level of the HPD_SINK input. Unselected HPD outputs are kept low. When the
device is in standby mode, all HPD outputs follow HPD_SINK. A 1-k
Ω resistor to ground keeps all HPD outputs
low in standby mode if a fixed low state is preferred.
The DDC circuits (SDA, SCL) are powered by a 5-V supply. The I/O pins can connect to the 5-V termination
voltages directly. A 47-k
Ω pull-up resistor to the 5 V is recommended on the SCL1, SCL2, and SCL3 pins. There
is no pull-up resistor on the SDA pins. The pull-up resistor can be replaced with a different value.
Figure 17. Simplified Electrical Circuit Model for DDC Channel
In Figure 17, when the Driver (Sink) pulls the bus low, the highest voltage level is Vol(Sink)max. The current flow
through the pass-gate resistor can be presented as:
where the Vddsource = Vddsink = Vdd
To simplify the equation, Vol(Sink)max is set equal to 0 V to reach equation (2):
The voltage at the input of the SINK is Ito - Sink
× Ron + V
ol(Sink)max, which should be lower than the minimum
input low threshold voltage of the Driver (Source), Vith(Source)min to keep the bus in correct interoperations.
By combining equations (2) and (3), the minimum pull-up resistor at the Sink input is:
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com