Electronic Components Datasheet Search
  English  ▼

X  

TMDS351 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS351
Description  2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS351 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMDS351 Datasheet HTML 17Page - Texas Instruments TMDS351 Datasheet HTML 18Page - Texas Instruments TMDS351 Datasheet HTML 19Page - Texas Instruments TMDS351 Datasheet HTML 20Page - Texas Instruments TMDS351 Datasheet HTML 21Page - Texas Instruments TMDS351 Datasheet HTML 22Page - Texas Instruments TMDS351 Datasheet HTML 23Page - Texas Instruments TMDS351 Datasheet HTML 24Page - Texas Instruments TMDS351 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TMDS351PAGR
PAG
64
TAI
330
24
13.0
13.0
1.4
16
24
Q2
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
TMDS351PAGR
PAG
64
TAI
0.0
0.0
0.0
PACKAGE MATERIALS INFORMATION
www.ti.com
26-May-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com