Electronic Components Datasheet Search
  English  ▼

X  

TMDS351 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS351
Description  2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS351 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMDS351 Datasheet HTML 15Page - Texas Instruments TMDS351 Datasheet HTML 16Page - Texas Instruments TMDS351 Datasheet HTML 17Page - Texas Instruments TMDS351 Datasheet HTML 18Page - Texas Instruments TMDS351 Datasheet HTML 19Page - Texas Instruments TMDS351 Datasheet HTML 20Page - Texas Instruments TMDS351 Datasheet HTML 21Page - Texas Instruments TMDS351 Datasheet HTML 22Page - Texas Instruments TMDS351 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.ti.com
SINK
HDMIRX
DDC_SDA
DDC_SCL
5 V
5 V
5 V
47kW
47kW
47kW
3.3 V
4.7kW
4.7kW
CEC
CEC
CEC
4.02 k W 10%
E-EDID
E-EDID
E-EDID
mController
HPD1
SDA1
SCL1
HPD2
SDA2
SCL2
HPD3
SDA3
SCL3
EQ
S1
S2
HPD_SINK
SDA_SINK
SCL_SINK
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
VSADJ
GND
SDA SCL
CEC
LOGIC
CEC
PHY
1 kW
1 kW
1 k W
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
SOURCE1
With ACCoupled
HDMIOutput
SOURCE2
WithDCCoupled
HDMIOutput
SOURCE3
inGeneral
HDMIOutput
A11/B11
A12/B12
A13/B13
A14/B14
A21/B21
A22/B22
A23/B23
A24/B24
A31/B31
A32/B32
A33/B33
A34/B34
VDD
(5V)
VCC
(3.3V)
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
A DTV Supporting an Active CEC Link
Case 1 – AC Coupled Source (See Figure 19, Port 1)
Case 2 – DC Coupled Source (See Figure 19, Port 2)
TMDS351
SLLS840 – MAY 2007
APPLICATION INFORMATION (continued)
Figure 18. Three-Port HDMI Enabled DTV with TMDS351 – CEC Commands Passing Through
In Figure 19, the CEC PHY and CEC LOGIC functions are added. The DTV can initiate and/or react to CEC
signals from its remote control or other audio/video products on the same CEC bus. All sources must have their
own CEC physical address to support the full functionality of the CEC link.
A source reads its CEC physical address stored its E-EDID memory after receiving a logic-high from the HPD
feedback. When HPD is high, the sink-assigned CEC physical address should be maintained. Otherwise, when
HPD is low the source sets CEC physical address value to (F.F.F.F).
When the source TMDS lines are AC coupled or when the source cannot detect the TMDS termination provided
in the connected sink, the indication of the source selection can only come from the HPD signal. The TMDS351
HPD1 pin should be applied directly as the HPD signal back to the source.
When the source TMDS lines are DC coupled, there are two methods to inform the source that it is the active
source to the sink. One is checking the HPD signal from the sink, and the other is checking the termination
condition in the sink.
In a full CEC operation mode, the HPD signal is set high whether the port is selected or not. The source loads
and maintains the CEC physical address when HPD is high. As soon as HPD goes low, the source loses the
CEC physical address. To keep the CEC physical address to the source, the HPD signal is looping back from
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com