Electronic Components Datasheet Search
  English  ▼

X  

DRMS Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # DRMS
Description  DIN RAIL MOUNT HYBRID MOTOR STARTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRMS Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  DRMS Datasheet HTML 1Page - Sensata Technologies, Inc. DRMS Datasheet HTML 2Page - Sensata Technologies, Inc. DRMS Datasheet HTML 3Page - Sensata Technologies, Inc. DRMS Datasheet HTML 4Page - Sensata Technologies, Inc. DRMS Datasheet HTML 5Page - Sensata Technologies, Inc. DRMS Datasheet HTML 6Page - Sensata Technologies, Inc. DRMS Datasheet HTML 7Page - Sensata Technologies, Inc. DRMS Datasheet HTML 8Page - Sensata Technologies, Inc. DRMS Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
THERMAL DERATE INFORMATION
MOTOR OVERLOAD PROTECTION CURVES
• For installations according to Canadian National Standard C22.2 No. 14-13 (cUL Mark only) and supply voltages above 400V:
• For 415 V max. supply voltage, transient surge suppression devices shall be installed on the line side of this equipment and shall be rated 240
V (phase to ground), 415 V (phase to phase), suitable for overvoltage category III, and shall provide protection for a rated impulse withstand
voltage peak of 4 kV.
• For 480 V max. supply voltage, transient surge suppression devices shall be installed on the line side of this equipment and shall be rated 277
V (phase to ground), 480 V (phase to phase), suitable for overvoltage category III, and shall provide protection for a rated impulse withstand
voltage peak of 4 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com