Electronic Components Datasheet Search
  English  ▼

X  

DRMS Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # DRMS
Description  DIN RAIL MOUNT HYBRID MOTOR STARTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRMS Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

Back Button DRMS Datasheet HTML 2Page - Sensata Technologies, Inc. DRMS Datasheet HTML 3Page - Sensata Technologies, Inc. DRMS Datasheet HTML 4Page - Sensata Technologies, Inc. DRMS Datasheet HTML 5Page - Sensata Technologies, Inc. DRMS Datasheet HTML 6Page - Sensata Technologies, Inc. DRMS Datasheet HTML 7Page - Sensata Technologies, Inc. DRMS Datasheet HTML 8Page - Sensata Technologies, Inc. DRMS Datasheet HTML 9Page - Sensata Technologies, Inc. DRMS Datasheet HTML 10Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
SETUP PROCEDURE
1. Wire the motor and the motor starter device according to the wiring diagrams examples. A forward (clockwise) rotating field is
assumed for normal operation. A anti-clockwise rotating field triggers a fault message.
2. Turn TON/TOFF dial fully clockwise, MON and MOFF dials fully anti-clockwise, and Ie dial to the required current.
3. Connect voltage and start the motor using control inputs R and L.
4. The starting time is set by turning the TON dial anti-clockwise and the starting torque is set by turning the MON dial clockwise to the
desired value. If set correctly, the motor shall swiftly accelerate to the nominal speed.
INSTALLATION INSTRUCTIONS
• Install the motor starter on the DIN rail, as shown on fig. 1.
• Wire the motor starter to the control side. AWG #22 (0.5mm²) minimum, AWG
#14 (2.5mm²) maximum.
• Wire the motor starter to the output side. AWG #30 (0.05mm²) minimum, AWG
#12 (4 mm²) maximum (stranded/solid).
• Maximum terminal screw torque control side 3.46 lb-in (0.39 Nm) & output side
5-7 lb-in (0.564-0.79 Nm).
• Use 60°C / 75°C copper conductors only.
• If multiple units are installed, be sure to follow derating curves.
WARNING! Latching system could be damaged if
product is removed incorrectly out of the DIN rail.
Safety Notes:
- Never clear a fault when the device is switched on.
- The user must ensure that the device and the necessary component are mounted and connected according to the locally applicable regulations and
technical standards (UL, VDE, TÜV, BG).
- Adjustments may only be carried out by qualified specialist staff and the applicable safety rules must be observed.
- After a short circuit the motor starter is damaged and has to be replaced (Assignment type 1).
- If several motor starter devices are protected together, the sum of the motor currents must not exceed 25 A.
When designing circuits with this motor starter unit, components
that generate magnetic fields like contactors, transformers, or high
current wires, should not be placed close to the current sensor.
Indicator
LED
Color
Status
Description
PWR
Green
Permanent ON
Auxiliary supply connected.
R
Yellow
Permanent ON
Flashing
Forward, power semiconductors bridged.
Forward, ramp operation.
L
Yellow
Permanent ON
Flashing
Reverse, power semiconductors bridged.
Reverse, ramp operation.
ERR
Red
Flashing
1 pulse
2 pulses
3 pulses
4 pulses
5 pulses
6 pulses
7 pulses
8 pulses
Error detected:
Over temperature on semiconductors.
Wrong mains frecuency.
Phase reversal detected.
At least 1 phase is missing.
Motor overcurrent detected.
Mains isolating relay not disconnected.
Incorrect mesurement circuit.
Motor protection has responded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com