Electronic Components Datasheet Search
  English  ▼

X  

DRMS Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # DRMS
Description  DIN RAIL MOUNT HYBRID MOTOR STARTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRMS Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

Back Button DRMS Datasheet HTML 3Page - Sensata Technologies, Inc. DRMS Datasheet HTML 4Page - Sensata Technologies, Inc. DRMS Datasheet HTML 5Page - Sensata Technologies, Inc. DRMS Datasheet HTML 6Page - Sensata Technologies, Inc. DRMS Datasheet HTML 7Page - Sensata Technologies, Inc. DRMS Datasheet HTML 8Page - Sensata Technologies, Inc. DRMS Datasheet HTML 9Page - Sensata Technologies, Inc. DRMS Datasheet HTML 10Page - Sensata Technologies, Inc. DRMS Datasheet HTML 11Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page 7
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
FUNCTION DIAGRAMS
t
u = switchover delay time
t
p = overload response time according to characteristic
class 10A or 5
DEVICE OPERATION
Forward/Reverse Control
Forward (clockwise) and reverse (anticlockwise) rotation can be selected via control inputs R and L respectively. The input signal detected first is exe-
cuted if both inputs are applied simultaneously. After the detected signal is cancelled, the rotational direction is reversed via the Soft Start function.
These control inputs have a common isolated ground connection NE.
Soft Start
Two motor phases are switched using phase-angle control to allow a steady increase of the phase currents. The motor torque increases in the same
manner when ramping up. This operation ensures the motor starts smoothly and helps to extend the life of the motor and the motor starter. The ramp
up time TON and starting torque MON can be adjusted via a rotary dial at the front.
Soft Stop
The Soft Stop function extends the natural run down time of the motor starter to allow for a smooth stop. The ramp down time TOFF, which is equal
to the ramp up time, and the decelaration torque MOFF can be adjusted via a rotary dial at the front.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com