Electronic Components Datasheet Search
  English  ▼

X  

DRMS Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DRMS
Description  DIN RAIL MOUNT HYBRID MOTOR STARTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRMS Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DRMS Datasheet HTML 1Page - Sensata Technologies, Inc. DRMS Datasheet HTML 2Page - Sensata Technologies, Inc. DRMS Datasheet HTML 3Page - Sensata Technologies, Inc. DRMS Datasheet HTML 4Page - Sensata Technologies, Inc. DRMS Datasheet HTML 5Page - Sensata Technologies, Inc. DRMS Datasheet HTML 6Page - Sensata Technologies, Inc. DRMS Datasheet HTML 7Page - Sensata Technologies, Inc. DRMS Datasheet HTML 8Page - Sensata Technologies, Inc. DRMS Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page 2
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
Input (1)
Auxiliary Power Supply (1) (3)
Description
DRMS48D9x
Control Voltage Range (R, L)
10-30 VDC
Minimum Turn-On Voltage
10 VDC
Must Turn-Off Voltage
8 VDC
Typical Input Current
4 mA
Polarity Reversal Protected
Yes
Manual Reset Voltage Range
10-30 VDC
Description
DRMS48D9x
Voltage Range
24 VDC ±10%
Power Consumption
2 W
Min. Start Up Delay
100 msec
Min. Release Delay
50 msec
Motor Protection (1)
Description
DRMS48D9x
Ie: 1.5 A to 6.8 A
Class 10 / 10 A
Ie: 6.9 A to 9.0 A
Class 5
Protection type
Electronic, without thermal memory
Reset
Manual
Maximum Off-State Leakage Current @
Rated Voltage [mArms]
0.5
Load Current, AC51 [Arms](2)
9
Load Current, AC53a: 6-2: 10-30 IEC/EN
60947-4-2 [Arms](2)
7.6
Maximum Motor Power [kW] @ 400 VAC
4
Minimum Motor Power [W]
25
Maximum Surge Current [Apk] t = 20 msec
200
Load Limit Integral [A²sec] t = 10 msec
200
Starting Voltage
30-80%
Start / deceleration ramp [sec]
1-10
Switchover Delay Time [msec]
250
Max. Fuse Rating per IEC/EN 60947-5-1
25 A gG / gL
Electrical Life
> 107 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com