Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AM625 Datasheet HTML 60Page - Texas Instruments AM625 Datasheet HTML 61Page - Texas Instruments AM625 Datasheet HTML 62Page - Texas Instruments AM625 Datasheet HTML 63Page - Texas Instruments AM625 Datasheet HTML 64Page - Texas Instruments AM625 Datasheet HTML 65Page - Texas Instruments AM625 Datasheet HTML 66Page - Texas Instruments AM625 Datasheet HTML 67Page - Texas Instruments AM625 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 260 page
background image
Table 6-23. GPIO1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
GPIO1_8
IO
General Purpose Input/Output
A19
B17
GPIO1_9
IO
General Purpose Input/Output
B18
A18
GPIO1_10
IO
General Purpose Input/Output
E18
D18
GPIO1_11
IO
General Purpose Input/Output
B20
C17
GPIO1_12
IO
General Purpose Input/Output
D20
C16
GPIO1_13
IO
General Purpose Input/Output
E19
D15
GPIO1_14
IO
General Purpose Input/Output
A20
D16
GPIO1_15
IO
General Purpose Input/Output
A13
C11
GPIO1_16 (1)
IO
General Purpose Input/Output
C13
D13
GPIO1_17
IO
General Purpose Input/Output
A14
D12
GPIO1_18
IO
General Purpose Input/Output
B13
C12
GPIO1_19
IO
General Purpose Input/Output
B14
A14
GPIO1_20
IO
General Purpose Input/Output
D14
A13
GPIO1_21
IO
General Purpose Input/Output
E14
E11
GPIO1_22
IO
General Purpose Input/Output
A15
B14
GPIO1_23
IO
General Purpose Input/Output
B15
C13
GPIO1_24
IO
General Purpose Input/Output
C15
B13
GPIO1_25
IO
General Purpose Input/Output
E15
A15
GPIO1_26
IO
General Purpose Input/Output
B16
E12
GPIO1_27
IO
General Purpose Input/Output
A16
D14
GPIO1_28
IO
General Purpose Input/Output
B17
A17
GPIO1_29
IO
General Purpose Input/Output
A17
A16
GPIO1_30
IO
General Purpose Input/Output
A18
C14
GPIO1_31 (1)
IOD
General Purpose Input/Output
D16
B16
GPIO1_32 (1)
IO
General Purpose Input/Output
AC2
V4
GPIO1_33 (1)
IO
General Purpose Input/Output
AD2
W4
GPIO1_34 (1)
IO
General Purpose Input/Output
AC1
W3
GPIO1_35 (1)
IO
General Purpose Input/Output
AB2
Y2
GPIO1_36 (1)
IO
General Purpose Input/Output
Y4
W1
GPIO1_37 (1)
IO
General Purpose Input/Output
AA3
W2
GPIO1_38 (1)
IO
General Purpose Input/Output
AA1
V1
GPIO1_39 (1)
IO
General Purpose Input/Output
AA2
V2
GPIO1_40 (1)
IO
General Purpose Input/Output
AB1
Y1
GPIO1_41 (1)
IO
General Purpose Input/Output
Y3
V3
GPIO1_42 (1)
IO
General Purpose Input/Output
D22
C19
GPIO1_43 (1)
IO
General Purpose Input/Output
C21
B20
GPIO1_44 (1)
IO
General Purpose Input/Output
B21
B19
GPIO1_45 (1)
IO
General Purpose Input/Output
A22
A19
GPIO1_46 (1)
IO
General Purpose Input/Output
B22
A20
GPIO1_47 (1)
IO
General Purpose Input/Output
A21
C18
GPIO1_48 (1)
IO
General Purpose Input/Output
D17
C15
GPIO1_49 (2)
IO
General Purpose Input/Output
C17
B15
GPIO1_50
IO
General Purpose Input/Output
C20
D17
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com