Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments AM625 Datasheet HTML 74Page - Texas Instruments AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 260 page
background image
Table 6-47. OLDI0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
OLDI0_A4P
IO
OLDI Differential Data (positive)
AC5
Y5
OLDI0_A5N
IO
OLDI Differential Data (negative)
AE5
AA6
OLDI0_A5P
IO
OLDI Differential Data (positive)
AD6
AA5
OLDI0_A6N
IO
OLDI Differential Data (negative)
AE6
AA10
OLDI0_A6P
IO
OLDI Differential Data (positive)
AD7
Y9
OLDI0_A7N
IO
OLDI Differential Data (negative)
AD8
AA8
OLDI0_A7P
IO
OLDI Differential Data (positive)
AE7
Y8
OLDI0_CLK0N
IO
OLDI Differential Clock (negative)
AD4
V7
OLDI0_CLK0P
IO
OLDI Differential Clock (positive)
AE3
V8
OLDI0_CLK1N
IO
OLDI Differential Clock (negative)
AE4
Y7
OLDI0_CLK1P
IO
OLDI Differential Clock (positive)
AD5
AA7
6.3.19 OSPI
6.3.19.1 MAIN Domain
Table 6-48. OSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
OSPI0_CLK
O
OSPI Clock
H24
G19
OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock
Input
J24
H20
OSPI0_ECC_FAIL
I
OSPI ECC Status
E24
E18
OSPI0_LBCLKO
IO
OSPI Loopback Clock Output
G25
G18
OSPI0_CSn0
O
OSPI Chip Select 0 (active low)
F23
F19
OSPI0_CSn1
O
OSPI Chip Select 1 (active low)
G21
F17
OSPI0_CSn2
O
OSPI Chip Select 2 (active low)
H21
E17
OSPI0_CSn3
O
OSPI Chip Select 3 (active low)
E24
E18
OSPI0_D0
IO
OSPI Data 0
E25
F18
OSPI0_D1
IO
OSPI Data 1
G24
G17
OSPI0_D2
IO
OSPI Data 2
F25
F21
OSPI0_D3
IO
OSPI Data 3
F24
F20
OSPI0_D4
IO
OSPI Data 4
J23
G21
OSPI0_D5
IO
OSPI Data 5
J25
H21
OSPI0_D6
IO
OSPI Data 6
H25
G20
OSPI0_D7
IO
OSPI Data 7
J22
J21
OSPI0_RESET_OUT0
O
OSPI Reset
E24
E18
OSPI0_RESET_OUT1
O
OSPI Reset
H21
E17
6.3.20 Power Supply
Table 6-49. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
CAP_VDDS0 (1)
CAP
External capacitor connection for IO group 0
H15
G12
CAP_VDDS1 (1)
CAP
External capacitor connection for IO group 1
K18
L15
CAP_VDDS2 (1)
CAP
External capacitor connection for IO group 2
W17
R13
CAP_VDDS3 (1)
CAP
External capacitor connection for IO group 3
P19
M15
CAP_VDDS4 (1)
CAP
External capacitor connection for IO group 4
U7
N8
CAP_VDDS5 (1)
CAP
External capacitor connection for IO group 5
H17
G15
CAP_VDDS6 (1)
CAP
External capacitor connection for IO group 6
J19
J15
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com