Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM625 Datasheet HTML 78Page - Texas Instruments AM625 Datasheet HTML 79Page - Texas Instruments AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments AM625 Datasheet HTML 82Page - Texas Instruments AM625 Datasheet HTML 83Page - Texas Instruments AM625 Datasheet HTML 84Page - Texas Instruments AM625 Datasheet HTML 85Page - Texas Instruments AM625 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 260 page
background image
Table 6-65. UART2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
UART2_TXD
O
UART Transmit Data
AD2, B15,
C21, R25, V24
B20, C13,
N21, P18, W4
Table 6-66. UART3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
AA2, C17, Y20 B15, T17, V2
UART3_RTSn
O
UART Request to Send (active low)
AA1, AB24,
D17
C15, V1, W21
UART3_RXD
I
UART Receive Data
B22, T25,
W25, Y4
A20, M17,
R18, W1
UART3_TXD
O
UART Transmit Data
A21, AA3,
R21, W24
C18, N18,
R19, W2
Table 6-67. UART4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
UART4_CTSn
I
UART Clear to Send (active low)
AA21
V20
UART4_RTSn
O
UART Request to Send (active low)
Y22
U18
UART4_RXD
I
UART Receive Data
A23, K22, T22,
Y25
D20, H18,
N17, R20
UART4_TXD
O
UART Transmit Data
B23, K24, T24,
Y24
C20, H19,
N19, T20
Table 6-68. UART5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
UART5_CTSn
I
UART Clear to Send (active low)
AA24, J24
H20, V21
UART5_RTSn
O
UART Request to Send (active low)
AB25, G25
G18, U19
UART5_RXD
I
UART Receive Data
C15, D24,
H21, U25, Y23
B13, E17, E20,
P19, T21
UART5_TXD
O
UART Transmit Data
AA25, E15,
E23, E24, U24
A15, E18, E19,
P20, T19
Table 6-69. UART6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
UART6_CTSn
I
UART Clear to Send (active low)
AA23, J22
J21, U20
UART6_RTSn
O
UART Request to Send (active low)
H25, V20
G20, T18
UART6_RXD
I
UART Receive Data
B19, D17,
D25, J23, V21,
V25
B18, C15, E21,
G21, P17, U21
UART6_TXD
O
UART Transmit Data
A19, C17,
C24, J25, K25,
W21
B15, B17, C21,
H21, J20, R17
6.3.25.2 MCU Domain
Table 6-70. MCU_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_UART0_CTSn
I
UART Clear to Send (active low)
A6
B8
MCU_UART0_RTSn
O
UART Request to Send (active low)
B6
D7
MCU_UART0_RXD
I
UART Receive Data
B5
A8
MCU_UART0_TXD
O
UART Transmit Data
A5
B6
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
82
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com