Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM625 Datasheet HTML 3Page - Texas Instruments AM625 Datasheet HTML 4Page - Texas Instruments AM625 Datasheet HTML 5Page - Texas Instruments AM625 Datasheet HTML 6Page - Texas Instruments AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 260 page
background image
4 Revision History
Changes from November 12, 2022 to June 15, 2023 (from Revision A (NOVEMBER 2022) to
Revision B (JUNE 2023))
Page
• Global: Changed the document product status from "Production Mixed Status" to "Production Data", where
both the ALW and AMC packaged devices are fully-qualified with Production Data..........................................1
• Global: Added automotive AEC - Q100 device-specific information for the AM625-Q1 and AM620-Q1
devices supported in the 17.2 mm × 17.2 mm AMC package............................................................................1
• (Features): Changed the CSI data rate from 2.5Gbps to 1.5Gbps to match the rate defined in the CSI-2 timing
section................................................................................................................................................................ 1
• (Features): Updated the Security features to clarify what is supported..............................................................1
• (Features): Included Multi-Media Card (MMC) in the first bullet describing MMC/SD features .........................1
• (Description): Added AM625-Q1 and AM620-Q1 and updated the descriptions for each device...................... 4
• (Package Information): Updated the table to match the new content standard and added automotive "-Q1"
devices................................................................................................................................................................4
• (Functional Block Diagram): Added the Software Build Sheet note................................................................... 5
• (Device Comparison): Added AM625-Q1 to the AM625 columns and added new columns for the AM620-Q1
devices................................................................................................................................................................9
• (Device Comparison): Corrected the name of the JTAG User ID register.......................................................... 9
• (Pin Connectivity Requirements): Updated the second note to include the meaning of "no connect"..............84
• (Pin Connectivity Requirements): Updated the second paragraph of the note following the Connectivity
Requirements table. The update clarifies the operation of configurable device IOs and includes precautions
that must be taken to prevent floating signals from damaging device input buffers......................................... 84
• (ESD Ratings for Devices which are not AEC - Q100 Qualified): Changed the title to clarify the ESD ratings
defined in this table apply to devices which are not AEC - Q100 qualified.......................................................90
• (ESD Ratings for AEC - Q100 Qualified Devices in the AMC Package): Changed the title to clarify the ESD
ratings defined in this table only apply to AEC - Q100 qualified devices in the AMC package........................ 90
• (Recommended Operating Conditions): Created separate table notes for VDD_CANUART and
VDDSHV_CANUART........................................................................................................................................91
• (Operating Performance Points): Changed the Maximum Operating Frequency of the Device/Power Manager
(Cortex-R5F) for speed grades "S" and "T" from 800 to 400............................................................................93
• (DDR Electrical Characteristics): Added references to the respective JEDEC standards................................98
• (Power-Up Sequencing): Added Power-Up Sequencing – Supply / Signal Assignments table with waveform
references and notes. Added a new waveform for VDD_CANUART to show its sequence requirements
relative to VDD_CORE when powered from a separate always on power source.........................................104
• (Power-Down Sequencing): Added Power-Down Sequencing – Supply / Signal Assignments table with
waveform references and notes. Added a new waveform for VDD_CANUART to show its sequence
requirements relative to VDD_CORE when powered from a separate always on power source...................107
• (MCU_RESETSTATz, and RESETSTATz Switching Characteristics): Changed the minimum value of
parameter RST13 from "0" to "960"................................................................................................................ 110
• (LFXOSC Modes of Operation): Changed the value of PD_C for BYPASS mode from "X" to "0"................. 123
• (DSS Switching Characteristics): Added external pixel clock mode "EXTPCLKIN" to parameters D2, D3, D4,
and D5. Also changed the "Internal PLL" mode min value for parameters D2 and D3 from "0.0475P" to
"0.0475P - 0.3"............................................................................................................................................... 137
• (MCASP): Updated each AHCLKR/X table note to include a TRM reference for clock source options. Also
corrected a typographical error on the signal name associated with the first waveform in each timing diagram
by changing "MCASP[x]_ACLKR/X" to "MCASP[x]_AHCLKR/X"...................................................................169
• (MMC0 DLL Delay Mapping): Changed the OTAPDLYENA and OTAPDLYSEL values for Legacy SDR and
High Speed SDR modes................................................................................................................................ 179
• (MMC1/MMC2 DLL Delay Mapping for all Timing Modes): Changed the "UHS-I DR50" mode name to "UHS-I
DDR50" to correct a typographical error.........................................................................................................191
• (OSPI Switching Characteristics – PHY Data Training): Added maximum values to the OSPI0_CLK Cycle
Time parameter (O1) to define a minimum operating frequency of 133MHz. Also updated Note 1 and Note 4,
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com