Electronic Components Datasheet Search
  English  ▼

X  

SCANSTA111 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button SCANSTA111 Datasheet HTML 12Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 13Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 14Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 15Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 16Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 17Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 18Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 19Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Level 2 Protocol (Continued)
Register Descriptions
INSTRUCTION REGISTER: The instruction shift register is
an 8-bit register that is in series with the scan chain when-
ever the TAP Controller of the SCANSTA111 is in the Shift-IR
state. Upon exiting the Capture-IR state, the value
XXXXXX01 is captured into the instruction register, where
XXXXXX represents the value on the S
(0-6) inputs. When the
’STA111 controller is in the Wait-For-Address state, the in-
struction register is used for ’STA111 selection via address
matching. In addressing individual ’STA111s, the chip’s ad-
dressing logic performs a comparison between a statically-
configured (hard-wired) value on that ’STA111’s slot inputs,
and an address which is scanned into the chip’s instruction
register. Binary address codes 000000 through 111010 (00
through 3A Hex) are reserved for addressing individual
’STA111s. Address 3B Hex is for Broadcast mode.
During multi-cast (group) addressing, a scanned-in address
is compared against the (previously scanned-in) contents of
a ’STA111’s Multi-Cast Group register. Binary address codes
111110 through 111111 (3A through 3F Hex) are reserved for
multi-cast addressing, and should not be assigned as
’STA111 slot-input values.
BOUNDARY-SCAN REGISTER: The boundary-scan regis-
ter is a sample only shift register containing cells from the
S
(0-6) and OE inputs. The register allows testing of circuitry
external to the ’STA111. It permits the signals flowing be-
tween the system pins to be sampled and examined without
interfering with the operation of the on-chip system logic.
The scan chain is arranged as follows:
TDI
B→ OE→ S6→ S5→ S4→ S3→ S2→ S1→ S0→ TDOB
BYPASS REGISTER: The bypass register is a 1-bit register
that operates as specified in IEEE Std. 1149.1 once the
’STA111 has been selected. The register provides a mini-
mum length serial path for the movement of test data be-
tween TDI
B and the LSPN. This path can be selected when
no other test data register needs to be accessed during a
board-level test operation. Use of the bypass register short-
ens the serial access-path to test data registers located in
other components on a board-level test data path.
MULTI-CAST GROUP REGISTER: Multi-cast is a method of
simultaneously communicating with more than one selected
’STA111. The multi-cast group register (MCGR) is a 2-bit
register used to determine which multi-cast group a particu-
lar ’STA111 is assigned to. Four addresses are reserved for
multi-cast addressing. When a ’STA111 is in the Wait-For-
Address state and receives a multi-cast address, and if that
’STA111’s MCGR contains a matching value for that multi-
cast address, the ’STA111 becomes selected and is ready to
receive Level 2 Protocol (i.e., further instructions).
The MCGR is initialized to 00 upon entering the Test-Logic-
Reset state.
TABLE 6. Multi-Cast Group Register Addressing
MCGR Bits 1,0
Hex Address
Binary Address
00
3C
00111100
01
3D
00111101
10
3E
00111110
11
3F
00111111
The following actions are used to perform multi-cast ad-
dressing:
1.
Assign all target ’STA111s to a multi-cast group by writ-
ing each individual target ’STA111’s MCGR with the
same multi-cast group code (see Table 6). This configu-
ration step must be done by individually addressing
each target ’STA111, using that chip’s assigned slot
value.
2.
Scan out the multi-cast group address through the TDI
B
input of all ’STA111s. Note that this occurs in parallel,
resulting in the selection of only those ’STA111s whose
MCGR was previously programmed with the matching
multi-cast group code.
MODE REGISTER
0: Mode Register0 is an 8-bit data register
used primarily to configure the Local Scan Port Network.
Mode Register
0 is initialized to 00000001 binary upon enter-
ing the Test-Logic-Reset state. Bits 0, 1, 2, and 4 are used
for scan chain configuration as described in Table 7. When
the UNPARK instruction is executed, the scan chain configu-
ration is as shown in Table 7 below. When all LSPs are
parked, the scan chain configuration is TDI
B → ’STA111-
register
→ TDO
B. Bit 3 is used for TCKn configuration, see
Table 8.
TABLE 7. Mode Register Control of LSPN
Mode Register(s)
Scan Chain Configuration (if unparked)
MR0: X000X000
TDI
B → Register → TDOB
10124513
FIGURE 10. Local Scan Port Synchronization from Parked-RTI State
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com