Electronic Components Datasheet Search
  English  ▼

X  

SCANSTA111 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button SCANSTA111 Datasheet HTML 11Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 12Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 13Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 14Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 15Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 16Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 17Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 18Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Level 2 Protocol (Continued)
’STA111s connected to the backplane. The PARKPAUSE
instruction is scanned into the selected ’STA111s and the
’STA111 TAP controllers are sequenced to the Pause-DR
state where the LSPs of all ’STA111s become unparked. The
local TAP controllers are then sequenced through the
Update-DR, Select-DR, Capture-DR, Exit1-DR, and parked
in the Pause-DR state, as the ’STA111 TAP controller is
sequenced into the Update-DR state. When a LSP is parked,
it is removed from the active scan chain.
GOTOWAIT: This instruction is used to return all ’STA111s to
the Wait-For-Address state. All unparked LSPs will be
parked in the Test-Logic-Reset TAP controller state (see
Figure 5).
MODESEL: The MODESEL instruction inserts Mode Regis-
ter
0 into the active scan chain. Mode Register0 determines
the LSPN configuration for a device with up to five (5) LSPs
(only three in Silicon). Bit 7 of Mode Register
0 is a read-only
counter status flag.
MODESEL
n: The MODESELn instruction inserts Mode Reg-
ister
n (n = 1 to 3) into the active scan chain. Mode Register1
determines the LSPN configuration for LSP 5, 6 and 7 (if
they exist), and Mode Register
2 determines the Shared
GPIO configuration.
MCGRSEL: This instruction inserts the multi-cast group reg-
ister (MCGR) into the active scan chain. The MCGR is used
to group ’STA111s into multi-cast groups for parallel TAP
sequencing (i.e., to simultaneously perform identical scan
operations).
SOFTRESET: This instruction causes all 3 Port configura-
tion controllers (see Figure 4) to enter the Parked-TLR state,
which forces TMS
n high; this parks each local port in the
Test-Logic-Reset state within 5 TCK
B cycles.
LFSRSEL: This instruction inserts the linear feedback shift
register (LFSR) into the active scan chain, allowing a com-
pacted signature to be shifted out of the LFSR during the
Shift-DR state. (The signature is assumed to have been
computed during earlier LFSRON shift operations.) This in-
struction disables the LFSR register’s feedback circuitry,
turning the LFSR into a standard 16-bit shift register. This
allows a signature to be shifted out of the register, or a seed
value to be shifted into it.
LFSRON: Once this instruction is executed, the linear feed-
back shift register samples data from the active scan path
(including all unparked TDI
n) during the Shift-DR state. Data
from the scan path is shifted into the linear feedback shift
register and compacted. This allows a serial stream of data
to be compressed into a 16-bit signature that can subse-
quently be shifted out using the LFSRSEL instruction. The
linear feedback shift register is not placed in the scan chain
during this mode. Instead, the register samples the active
scan-chain data as it flows from the LSPN to TDO
B.
LFSROFF: This instruction terminates linear feedback shift
register sampling. The LFSR retains its current state after
receiving this instruction.
CNTRSEL: This instruction inserts the 32-bit TCK counter
shift register into the active scan chain. This allows the user
to program the number of n TCK cycles to send to the parked
local ports once the CNTRON instruction is issued (e.g., for
BIST operations). Note that to ensure completion of count-
down, the ’STA111 should receive at least n TCK
B pulses.
CNTRON: This instruction enables the TCK counter. The
counter begins counting down on the first rising edge of
TCK
B following the Update-IR TAP controller state and is
decremented on each rising edge of TCK
B thereafter. When
the TCK counter reaches terminal count, 00000000 Hex,
TCK
n of all parked LSP’s is held low. This function overrides
Mode Register
0 TCK control bit (bit-3).
If the CNTRON instruction is issued when the TCK counter is
00000000 (terminal count) the local TCKs of parked LSPs
will be gated. The counter will begin counting on the rising
edge of TCK
B when the TCK counter is loaded with a non-
zero value following a CNTRSEL instruction (see BIST Sup-
port in Special Features section for an example).
CNTROFF: This instruction disables the TCK counter, and
TCK
n control is returned to Mode Register0 (bit-3).
DEFAULT_BYPASS: This instruction selects the Bypass
register to be the default for SCANSTA111 commands that
do not explicitly require a data register. The default after
RESET is the Device ID register.
10124512
FIGURE 9. Local Scan Port Synchronization from Parked-TLR State
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com