Electronic Components Datasheet Search
  English  ▼

X  

SCANSTA111 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button SCANSTA111 Datasheet HTML 13Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 14Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 15Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 16Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 17Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 18Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 19Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 20Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Register Descriptions (Continued)
TABLE 7. Mode Register Control of LSPN (Continued)
Mode Register(s)
Scan Chain Configuration (if unparked)
MR0: X000X001
TDI
B → Register → LSP0 → PAD → TDOB
MR0: X000X010
TDI
B → Register → LSP1 → PAD → TDOB
MR0: X000X011
TDI
B → Register → LSP0 → PAD → LSP1 → PAD → TDOB
MR0: X000X100
TDI
B → Register → LSP2 → PAD → TDOB
MR0: X000X101
TDI
B → Register → LSP0 → PAD → LSP2 → PAD → TDOB
MR0: X000X110
TDI
B → Register → LSP1 → PAD → LSP2 → PAD → TDOB
MR0: X000X111
TDI
B → Register → LSP0 → PAD → LSP1 → PAD → LSP2 → PAD → TDOB
MR0: X010X000
TDI
B → Register → LSP3 → PAD → TDOB
MR0: X010X001
TDI
B → Register → LSP0 → PAD → LSP3 → PAD → TDOB
MR0: X010X010
TDI
B → Register → LSP1 → PAD → LSP3 → PAD → TDOB
MR0: X010X011
TDI
B → Register → LSP0 → PAD → LSP1 → PAD → LSP5 → PAD → TDOB
MR0: X010X100
TDI
B → Register → LSP2 → PAD → LSP3 → PAD → TDOB
...
...
MR0: X110X111
TDI
B → Register → LSP0 → PAD → LSP1 → PAD → LSP2 → PAD → LSP3 → PAD → LSP4 → PAD →
TDO
B
MR0: X000X000
MR1: XXXXX001
(Note 7)
TDI
B → Register → LSP5 → PAD → TDOB
MR0: X000X001
MR1: XXXXX001
(Note 7)
TDI
B → Register → LSP0 → PAD → LSP5 → PAD → TDOB
MR0: X000X010
MR1: XXXXX001
(Note 7)
TDI
B → Register → LSP1 → PAD → LSP5 → PAD → TDOB
...
...
MR0: X110X111
MR1: XXXXX001
(Note 7)
TDI
B → Register → LSP0 → PAD →→ LSP1 → PAD → LSP2 → PAD → LSP3 → PAD → LSP4 → PAD
→ LSP
5 → PAD → TDOB
MR0: X000X000
MR1: XXXXX010
(Note 7)
TDI
B → Register → LSP6 → PAD → TDOB
...
...
MR0: X110X111
MR1: XXXXX111
(Note 7)
TDI
B → Register → LSP0 → PAD → LSP1 → PAD → LSP2 → PAD → LSP3 → PAD → LSP4 → PAD →
LSP
5 → PAD → LSP6 → PAD → LSP7 → PAD → TDOB
MR0: XXX1XXXX
MR1: XXXXXXXX
(Note 7)
TDI
B → Register → TDOB (Loopback)
Note 7: Mode Register1 is only available in the HDL version (up to eight LSPs). The Silicon version has three LSPs and uses Mode Register0 only.
Note 8: In a device with 8 LSPs there are 28 possible LSPN configurations: No LSPs, each individual LSP, combinations of 2 to 7 LSPs, and all 8 LSPs.
TABLE 8. Test Clock Configuration
Bit 3
LSP n
TCK n
1
Parked
Stopped
0
Parked
Free-running
1
Unparked
Free-running
0
Unparked
Free-running
X
Parked-TLR
Stopped after 512 clock pulses
Bit 3 is normally set to logic 0 so that TCK
n is free-running
when the local scan ports are parked in the Parked-RTI,
Parked-Pause-DR or Parked-Pause-IR state. When the local
ports are parked, bit 3 can be programmed with logic 1,
forcing all of the LSP TCK
n’s to stop. This feature can be
used in power sensitive applications to reduce the power
consumed by the test circuitry in parts of the system that are
not under test. When in the Parked-TLR state, TCK
n is gated
(stopped) after 512 clock pulses have been received on
TCK
B independent of the bit 3 value.
Bit 7 is a status bit for the TCK counter. Bit 7 is only set (logic
1) when the TCK counter is on and has reached terminal
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com