Electronic Components Datasheet Search
  English  ▼

X  

8025 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8025
Description  Flowmeter with paddle wheel for continuous flow measure-ment
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8025 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8025 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Type 8012
13 | 21
Visit product website 
6.3. Mounting options
The modular concept of the Type SE12 electronic module allows fully customized, pre-mounted and tested solutions to completely meet
application needs. The electronic module is designed for being mounted in a system block, combined with other Bürkert products. This
allows cost reduction and compact design for customized solutions.
Contact your local Bürkert sales centre to have individual counselling and engineering support in order to find the best solution correspond-
ing to your application.
Example of flow control systems with Type SE12 transmitter
Assembly 1
Assembly 2
Cooling of moulding tools in plastic injection machines
Flow (Type 8012) + temperature + manual On/Off valve
Filter monitoring in waste water treatment
Flow (Type 8012) + pressure (Type 8316)
Assembly 3
Assembly 4
Cooling of welding robot in automotive industry
Flow (Type 8012) + pilot valve (Type 6014) + On/Off diaphragm valve
(Type 0263)
Flow regulation in Ro water treatment skid
Process valve (Type 2712 + Type 8692) + Flow (Type 8012)
7.
Product operation
7.1. Measuring principle
The Type SE12 electronic module is equipped with two LED indicators, visible, due to transparency nature of material, under the male
connector (standard) or on the side opposite the male connector (on request).
Location of the LEDs
When the power is turned on, the green LED lights up and flashes proportionally to the paddle wheel rotation frequency. The lighting up of
the red indicator LED indicates a malfunction of the device. When liquid flows into the pipe, the paddle wheel is rotated. The non-wetted
permanent magnets inserted in the paddle wheel generate a measuring signal whose frequency is proportional to the flow velocity. With the
optical method, the same procedure is used, but the light beam is interrupted.
Two electronic module variants allow the following outputs:
• With one pulse output (either NPN or PNP transistor output, configurable).
An external power supply of 12…36 V DC is required. This pulse output generates a signal whose frequency is proportional to the flow
velocity. It is designed for connection to any system with open collector NPN or PNP frequency input.
• With one 4…20 mA current output and one pulse output (either NPN or PNP transistor output, configurable).
An external power supply of 12…36 V DC is required. The 4…20 mA output delivers a current whose value is the image of the flow
velocity.
The output signal is provided via a free positionable male 5-pin M12 male connector (or a cable gland with 1 m length cable on request).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com