Electronic Components Datasheet Search
  English  ▼

X  

8025 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 8025
Description  Flowmeter with paddle wheel for continuous flow measure-ment
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8025 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 8025 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Type 8012
21 | 21
Visit product website 
11.6. Ordering chart accessories
Description
Article no.
Screws set
4 short screws (M4 x 35, stainless steel A4) + 4 long screws (M4 x 60, stainless steel A4)
555775 
O-ring set
O-ring in FKM for fitting in metal, DN 06…DN 65
426340 
O-ring in EPDM for fitting in metal, DN 06…DN 65
426341 
O-ring in FKM for fitting in plastic, DN 08
448679 
O-ring in FKM for fitting in plastic, DN 15
431555 
O-ring in FKM for fitting in plastic, DN 20
431556 
O-ring in FKM for fitting in plastic, DN 25
431557 
O-ring in FKM for fitting in plastic, DN 32
431558 
O-ring in FKM for fitting in plastic, DN 40
431559 
O-ring in FKM for fitting in plastic, DN 50
431560 
O-ring in EPDM for fitting in plastic, DN 08
448680 
O-ring in EPDM for fitting in plastic, DN 15
431561 
O-ring in EPDM for fitting in plastic, DN 20
431562 
O-ring in EPDM for fitting in plastic, DN 25
431563 
O-ring in EPDM for fitting in plastic, DN 32
431564 
O-ring in EPDM for fitting in plastic, DN 40
431565 
O-ring in EPDM for fitting in plastic, DN 50
431566 
Electrical connection
M12 female connector with plastic threaded clamping ring, 5-pin, straight, to be wired
917116 
M12 female connector with moulded cable (shielded), 5-pin, straight, cable length: 2 m
438680 
Configuration accessory
Configuration tool “TACTIC” (1 “TACTIC” interface + USB cable with USB plug type A to USB plug type B, cable length
1 m + “TACTIC” cable with M12 female connector, 5-pin, straight, cable length 1 m)
556500 
Cable set for connection between Type 8012 flowmeter, “TACTIC” interface and computer (USB cable with USB plug
type A to USB plug type B, cable length 1 m + “TACTIC” cable with M12 female connector, 5-pin, straight, cable length
1 m)
556160 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com