Electronic Components Datasheet Search
  English  ▼

X  

8025 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 8025
Description  Flowmeter with paddle wheel for continuous flow measure-ment
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8025 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 8025 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8025 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Type 8012
20 | 21
Visit product website 
Further variants on request
Process connection
• External thread SMS 1145
• Weld ends SMS 3008, BS 4825-1/ASME BPE/DIN 11866
series C or DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
• Clamp DIN 32676 series B, SMS 3017, BS 4825-3/ASME
BPE or DIN 32676 series A
• Flange EN1092-1/B1/PN 16, ANSI B16-5 or JIS 10K
• True union ISO 10931
• Spigot ISO 10931
Material
Fitting: PP
Electrical connection
With 1 m cable via cable gland
Additional
Magnetic measuring principle
Variants of transmitter Type SE12
Note:
• Order the combination of transmitter and firring (including associated Type 8012 configuration) from your Bürkert sales office.
• The following charts show the different variants of the Type SE12 transmitter, which can be combined with a Type S012 fitting.
Specifications Operating
voltage
Pipe connection Output 1.)
Electrical connection
Article no.
Magnetic
measuring
principle
12…36 V DC DN 06, DN 08,
DN 15 v2 and
DN 20 v2
Frequency with pulse NPN
Free positionable 5-pin M12
male connector
557054 
Frequency with pulse NPN + 4…20 mA
557058 
Frequency with pulse NPN
With 1 m cable via cable
gland
557056 
Frequency with pulse NPN + 4…20 mA
557060 
DN 15…DN 50
(except DN 15 v2
and DN 20 v2)
Frequency with pulse NPN
Free positionable 5-pin M12
male connector
557053 
Frequency with pulse NPN + 4…20 mA
557057 
Frequency with pulse NPN
With 1 m cable via cable
gland
557055 
Frequency with pulse NPN + 4…20 mA
557059 
Optical
measuring
principle
12…36 V DC DN 06, DN 08,
DN 15 v2 and
DN 20 v2
Frequency with pulse NPN
Free positionable 5-pin M12
male connector
557062 
Frequency with pulse NPN + 4…20 mA
557066 
Frequency with pulse NPN
With 1 m cable via cable
gland
557064 
Frequency with pulse NPN + 4…20 mA
557068 
DN 15…DN 50
(except DN 15 v2
and DN 20 v2)
Frequency with pulse NPN
Free positionable 5-pin M12
male connector
557061 
Frequency with pulse NPN + 4…20 mA
557065 
Frequency with pulse NPN
With 1 m cable via cable
gland
557063 
Frequency with pulse NPN + 4…20 mA
557067 
1.) Factory setting:
• pulse NPN (raw frequency)
• pulse NPN (raw frequency) + 4…20 mA (sinking mode, 0…250 Hz)
• other configurations on request
For further variants, see chapter “11.4. Bürkert Product Enquiry Form” on page 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com