| Electronic Components Datasheet Search |
|
8025 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8025 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG |
|
2 / 21 page ![]() Type 8012 2 | 21 Visit product website Table of contents 1. General technical data 4 2. Approvals and conformities 6 2.1. Conformity .......................................................................................................................................................................................6 2.2. Standards.........................................................................................................................................................................................6 2.3. Pressure Equipment Directive (PED)................................................................................................................................................6 Device used on a pipe .....................................................................................................................................................................6 2.4. Lebensmittel und Getränke/Hygiene................................................................................................................................................6 3. Materials 6 3.1. Bürkert resistApp .............................................................................................................................................................................6 3.2. Material specifications .....................................................................................................................................................................7 4. Dimensions 7 4.1. Transmitter Type SE12 .....................................................................................................................................................................7 4.2. Transmitter Type SE12 mounted in a fitting Type S012 ...................................................................................................................8 4.3. Metal fitting Type S012 ....................................................................................................................................................................8 Internal thread connection ...............................................................................................................................................................8 External thread connection ..............................................................................................................................................................8 4.4. Plastic sensor-fitting Type S012 ......................................................................................................................................................9 True union connection with nut and solvent/fusion socket..............................................................................................................9 External thread connection ..............................................................................................................................................................9 5. Performance specifications 10 5.1. Pressure temperature diagram.......................................................................................................................................................10 6. Product installation 10 6.1. Installation notes............................................................................................................................................................................10 6.2. Selection of the nominal diameter .................................................................................................................................................12 6.3. Mounting options...........................................................................................................................................................................13 Example of flow control systems with Type SE12 transmitter .......................................................................................................13 7. Product operation 13 7.1. Measuring principle........................................................................................................................................................................13 7.2. Function modes .............................................................................................................................................................................14 Variant with transistor output .........................................................................................................................................................14 Variant with transistor and current outputs....................................................................................................................................15 8. Product design and assembly 15 8.1. Product assembly ..........................................................................................................................................................................15 9. Product accessories 16 9.1. Seals for fitting ...............................................................................................................................................................................16 9.2. Configuration tool “TACTIC” .........................................................................................................................................................16 10. Networking and combination with other Bürkert products 17 11. Ordering information 17 11.1. Bürkert eShop................................................................................................................................................................................17 11.2. Recommendation regarding product selection..............................................................................................................................17 Basic flowmeter .............................................................................................................................................................................17 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |