Electronic Components Datasheet Search
  English  ▼

X  

8035 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8035
Description  Inline flowmeter or Inline batch controller, with paddle wheel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8035 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8035 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Type 8035
4 | 23
Visit product website 
1.
General technical data
1.1. About the device
The Inline device Type 8035 is available as a flowmeter or a batch controller in a compact variant. Furthermore, the flowmeter is available
either as a measuring device with a standard output signal or as a battery powered indicator/totalizer without output.
1.2. All variants
The following data are valid for both the flowmeter and the batch controller.
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “4.1. Bürkert resistApp” on page 10.
Further information on the materials can be found in chapter “4.2. Material specifications” on page 11.
Non wetted parts
Lid
PC
Front panel film
Polyester
Cover
PC
Housing
PC
Screw
Stainless steel
Bayonet system
PC
Cable gland
PA
Wetted parts
Sensor armature
Brass, stainless steel, PVC, PP or PVDF (depending on the Inline sensor-fitting variant Type S030)
Axis and bearing
Ceramics (Al
2O3)
Paddle wheel
PVDF
Sensor-fitting body
Brass, stainless steel, PVC, PP or PVDF (depending on the Inline sensor-fitting variant Type S030)
Seal
FKM or EPDM (depending on the Inline sensor-fitting variant Type S030)
Display
15 × 60 mm, 8-digit LCD, alphanumeric,15 segments, 9 mm high
Compatibility
Any pipe from DN 06…DN 65 which are fitted with Bürkert Type S030 Inline sensor-fitting.
For the selection of the nominal diameter of the Inline sensor-fittings, see data sheet Type S030 .
Pipe diameter
DN 06…DN 65
Dimensions
Further information can be found in chapter “5. Dimensions” on page 13.
Measuring principle
Paddle wheel
Measuring range
• Flow rate: 0.5…1000 l/min (0.13…265 gpm)
• Flow velocity: 0.3…10 m/s
Performance data
Measurement deviation
• Teach-In: ± 1 % of the measured value 1.) at Teach-In flow rate value
• Standard K-factor: ± 2.5 % of the measured value 1.)
Linearity
± 0.5 % of full scale 1.)
Repeatability
± 0.4 % of the measured value 1.)
Electrical data
Power source (not supplied)
Limited power source according to UL/EN 62368-1 standards or limited energy circuit according to UL/
EN 61010-1 §9.4
DC reverse polarity protection
Yes
Overvoltage protection
Yes
Voltage supply cable
• Cable with maximum operating temperature greater than 80 °C (176 °F) (90 °C (194 °F) for UL-Rec-
ognized variant)
• Max. 50 m length, shielded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com