Electronic Components Datasheet Search
  English  ▼

X  

8035 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8035
Description  Inline flowmeter or Inline batch controller, with paddle wheel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8035 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8035 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8035 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Type 8035
7 | 23
Visit product website 
Voltage supply cable
Measuring device with standard output signal
• External diameter (cable):
– 5…8 mm (with cable plug)
– 6…12 mm (1 cable per cable gland) or 3…5 mm when using a multi-way seal (2 cables per cable
gland)
• Cross section of wires:
– 0.25…1.5 mm2 (with cable plug)
– 0.75 mm² (with cable gland)
• Cross section of the local ground wire: max. 0.75 mm²
Battery powered indicator/totalizer
• None
Process/Pipe connection & communication
Electrical connection
• Variant 12…36 V DC: cable plugaccording to DIN EN 175301-803 or cable glands M20 × 1.5
• Variant with batteries: None
Environment and installation
Ambient temperature
Operation and storage:
• variant 12…36 V DC: - 10…+ 60 °C (+ 5…+ 140 °F)
• variant 115/230 V AC: - 10…+ 50 °C (+ 5…+ 122 °F)
• variant with batteries: - 10…+ 55 °C (+ 5…+ 131 °F)
1.4. Batch controller
Note:
If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Electrical data
Operating voltage (V+)
• 12…36 V DC, max tolerance: - 5 % or + 10 % at 12 V DC, ± 10 % at 36 V DC, filtered and regulated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and LPS
(Limited Power Source) power supply
• 115/230 V AC, 50/60 Hz
Voltage supply available inside the device:
– supplied voltage: 27 V DC regulated
– maximum current: 125 mA
– integrated protection: 125 mA time delay fuse
Current consumption
With sensor, without consumption of digital input and pulse output
• With relays:
– ≤ 100 mA (at 12 V DC)
– ≤ 50 mA (at 36 V DC)
– ≤ 55 mA (115/230 V AC)
• Without relay:
– ≤ 70 mA (at 12 V DC)
– ≤ 35 mA (at 36 V DC)
– ≤ 40 mA (115/230 V AC)
Power consumption
115/230 V AC powered measuring device: 3 VA
Input
• DI (1 to 4)
• Switching threshold V
on: 5…36 V DC
• Switching threshold V
off max.: 2 V DC
• Min. pulse duration: 100 ms
• Input impedance: 9.4 kΩ
• Galvanic insulation, protected against polarity reversals and voltage spike



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com